Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA143UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA143UA
Description  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA143UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA143UA Datasheet HTML 2Page - Burr-Brown (TI) INA143UA Datasheet HTML 3Page - Burr-Brown (TI) INA143UA Datasheet HTML 4Page - Burr-Brown (TI) INA143UA Datasheet HTML 5Page - Burr-Brown (TI) INA143UA Datasheet HTML 6Page - Burr-Brown (TI) INA143UA Datasheet HTML 7Page - Burr-Brown (TI) INA143UA Datasheet HTML 8Page - Burr-Brown (TI) INA143UA Datasheet HTML 9Page - Burr-Brown (TI) INA143UA Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
®
INA143, INA2143
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, G = 10, RL = 10kΩ connected to ground, and reference pin connected to ground, unless otherwise noted.
VOLTAGE NOISE DENSITY vs FREQUENCY
Frequency (Hz)
1
100
1k
10
10k
100
10
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
25
50
75
100
0
125
1400
1300
1200
1100
1000
900
800
700
Per Amplifier
SLEW RATE vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
25
50
75
100
0
125
7
6
5
4
3
–SR
+SR
V
S = ±15V
V
S = ±5V
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
–75
–50
–25
25
50
75
100
0
125
40
35
30
25
20
15
+I
SC
+I
SC
–I
SC
–I
SC
V
S = ±15V
V
S = ±5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
Output Current (mA)
0
±15
±20
±25
±30
±10
±5
±35
–40
°C
25
°C
85
°C
85
°C
25
°C
–40
°C
V+
(V+) –5
(V+) –10
0
(V–) +10
(V–) +5
(V–)
0.1Hz TO 10Hz PEAK-TO-PEAK
VOLTAGE NOISE
500
µs/div


Similar Part No. - INA143UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA143UA TI1-INA143UA Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
INA143UA/2K5 TI1-INA143UA/2K5 Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
INA143UA/2K5E4 TI1-INA143UA/2K5E4 Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
INA143UAG4 TI1-INA143UAG4 Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
More results

Similar Description - INA143UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Texas Instruments
INA2133UAE4 TI-INA2133UAE4 Datasheet
376Kb / 20P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIERS
logo
Burr-Brown (TI)
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157 TI1-INA157 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6376 LINER-LT6376 Datasheet
2Mb / 30P
   짹230V Common Mode Voltage G = 10 Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com