Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA145 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA145
Description  Programmable Gain DIFFERENCE AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA145 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA145 Datasheet HTML 3Page - Burr-Brown (TI) INA145 Datasheet HTML 4Page - Burr-Brown (TI) INA145 Datasheet HTML 5Page - Burr-Brown (TI) INA145 Datasheet HTML 6Page - Burr-Brown (TI) INA145 Datasheet HTML 7Page - Burr-Brown (TI) INA145 Datasheet HTML 8Page - Burr-Brown (TI) INA145 Datasheet HTML 9Page - Burr-Brown (TI) INA145 Datasheet HTML 10Page - Burr-Brown (TI) INA145 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
INA145
FIGURE 7. Current Monitor, G = 1.
FIGURE 8. Comparator Output with Optional Hysteresis Application to Sense Lamp Burn-Out.
FIGURE 9. AC Coupling (DC Restoration).
FIGURE 10. Precision Current Source.
V
O
V
O1
18
6
R
G1
11k
R
C
10
R
S
10
R
G2
100k
INA145
5
2
Power
Supply
Load
3
For sense resistors (R
S)
greater than 5
Ω, use
series
compensation
resistor (R
C)
for good
common-mode rejection.
Sense resistors greater
than
200
Ω are not
recommended.
G = 10
V
O
1V – 50mV
+5V
1
48
6
8.4k
INA145
5
7
Feedback
2
3
10M
8k
10k
1V
2k
Lamp
24V
SHUNT
R-I Lamp/10
e.g., 0.1
Ω for 1A
V
O
18
6
R
G1
11k
R
G2
100k
R
1
1M
INA145
OPA277
5
2
3
C
1
0.1
µF
V
IN
V
IN
+
Pole at
f =
= 1.6Hz
1
2
πR
1RC
V
O
I
OUT = (VIN – VIN)/10kΩ
1
8
6
R
G2
10k
10k
INA145
5
2
3
V
IN
+
V
IN
+


Similar Part No. - INA145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
INA145UA TI1-INA145UA Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
INA145UA/2K5 TI1-INA145UA/2K5 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
INA145UA/2K5E4 TI1-INA145UA/2K5E4 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
INA145UAE4 TI1-INA145UAE4 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
More results

Similar Description - INA145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD8271 AD-AD8271 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD628 AD-AD628_15 Datasheet
573Kb / 21P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628 AD-AD628 Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com