Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0626A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0626A
Description  SAW Filter329.5MHz (SMD 5.0횞7.0 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0626A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0626A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0626A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0626A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0626A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0626A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0626A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
F. PCB Footprint
G. PACKING:
1. REEL DIMENSION
Unit: mm


Similar Part No. - TB0626A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0626A GOLLEDGE-TB0626A Datasheet
68Kb / 5P
   SAW Filter: 329.5MHz
More results

Similar Description - TB0626A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0816A TAI-SAW-TB0816A Datasheet
406Kb / 8P
   SAW Filter 133.2MHz (SMD 5.0횞7.0 mm)
TB0758A TAI-SAW-TB0758A Datasheet
405Kb / 7P
   SAW Filter 256MHz (SMD 5.0횞7.0 mm)
TB0421A TAI-SAW-TB0421A Datasheet
288Kb / 7P
   SAW Filter 353.1MHz (SMD 5.0횞7.0 mm)
TB0901A TAI-SAW-TB0901A Datasheet
340Kb / 7P
   SAW Filter 324MHz 30MHz BW (SMD 5.0횞7.0 mm)
TB0991A TAI-SAW-TB0991A Datasheet
289Kb / 6P
   SAW Filter 294.2MHz 20.5MHz BW (SMD 5.0횞7.0 mm)
TB0888A TAI-SAW-TB0888A Datasheet
293Kb / 6P
   SAW Filter 62MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0889A TAI-SAW-TB0889A Datasheet
295Kb / 6P
   SAW Filter 97MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0892A TAI-SAW-TB0892A Datasheet
295Kb / 6P
   SAW Filter 343MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0909A TAI-SAW-TB0909A Datasheet
334Kb / 6P
   SAW Filter 190MHz 4MHz BW (SMD 5.0횞7.0 mm)
TB0963A TAI-SAW-TB0963A Datasheet
320Kb / 8P
   SAW Filter 140MHz 15MHz BW (SMD 5.0횞7.0 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com