Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0621A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0621A
Description  SAW Filter 343.5 MHz SMD 5.0mmX7.0mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0621A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0621A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0621A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0621A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0621A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0621A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0621A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
F. PCB Footprint
G. PACKING:
1. REEL DIMENSION
Unit: mm


Similar Part No. - TB0621A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0621A GOLLEDGE-TB0621A Datasheet
61Kb / 6P
   SAW Filter 343.5MHz
More results

Similar Description - TB0621A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0188A TAI-SAW-TA0188A Datasheet
352Kb / 5P
   SAW Filter 343.5 MHz
TB0835A TAI-SAW-TB0835A Datasheet
421Kb / 7P
   SAW Filter 173.91 MHz(BW=20.0MHz) SMD 5.0mmX7.0mm
TB0784A TAI-SAW-TB0784A Datasheet
402Kb / 7P
   SAW Filter 425 MHz(BW=0.5MHz) SMD 5.0mmX7.0mm
TB0836A TAI-SAW-TB0836A Datasheet
422Kb / 7P
   SAW Filter 209.715 MHz(BW=30.0MHz) SMD 5.0mmX7.0mm
TB0837A TAI-SAW-TB0837A Datasheet
381Kb / 7P
   SAW Filter 230 MHz(BW=10.0MHz) SMD 5.0mmX7.0mm
TB1158A TAI-SAW-TB1158A Datasheet
357Kb / 7P
   SAW Filter 423.1 MHz(BW=0.5MHz) SMD 5.0mmX7.0mm
logo
Abracon Corporation
AFS-152-902.5MHZ-T ABRACON-AFS-152-902.5MHZ-T Datasheet
300Kb / 1P
   SMD 902.5 MHz SAW FILTER
11.15.06
AFS315E ABRACON-AFS315E Datasheet
97Kb / 1P
   SMD 315.0 MHz SAW FILTER
AFS930S3 ABRACON-AFS930S3 Datasheet
249Kb / 2P
   SMD 930.5 MHz SAW FILTER
6.21.07
AFS1575.42S4 ABRACON-AFS1575.42S4 Datasheet
213Kb / 2P
   SMD 1575.42 MHz SAW FILTER
03.17.08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com