Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1S1RH Datasheet(PDF) 1 Page - Wolfgang Knap

Part # LM1S1RH
Description  CRYSTAL-OSCILLATORS low voltage
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

LM1S1RH Datasheet(HTML) 1 Page - Wolfgang Knap

  LM1S1RH Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Seite - 60 -
Ausgabedatum: 07-11-09
A-1130 Wien
Lilienberggasse 13
Tel.: +43-1-403 08 12
Fax: +43-1-408 72 13
e-mail: info@knap.at
http://www.knap.at
Wolfgang Knap
Gesellschaft m.b.H. & Co.KG
5x7,5mm CRYSTAL-OSCILLATORS low voltage
LMQ1 / LMS1 / LMW1
FREQUENZSTABILITÄT
FREQUENCY STABILITY
BETRIEBSBEDINGUNGEN
OPERATING CONDITIONS
Modell Model
LM1Q1H/LM1S1H/LM1W1H
±100ppm/-10~+70°C
Betriebstemperatur operating temp.
-10~+70°C, -40~+85°C
LM2Q1H/LM2S1H/LM2W1H
±50ppm/-10~+70°C
Lagertemperatur storage temperature
-55~+125°C
LM3Q1H/LM3S1H/LM3W1H
±25ppm/-10~+70°C
LM1Q1RH/LM1S1RH/LM1W1RH
±100ppm/-40~+85°C
LM2Q1RH/LM2S1RH/LM2W1RH
±50ppm/-40~+85°C
Betriebsspannung VDD
supply voltage
LMQ1
LMS1
LMW1
+2,8V ±5%
+2,5V ±5%
+1,8V ±5%
LM3Q1RH/LM3S1RH/LM3W1RH
±25ppm/-40~+85°C
Elektrische Daten electrical characteristics
Ta = 25°C, VDD = 2,8 V or 2,5 V or 1,8V, CL = 15 pF
Parameter
parameter
Bedingungen
conditions
Frequenzbereich
frequ. range (MHz)
LMQ1
LMS1
LMW1
max. Stromaufnahme
max. input current
IDD
1,800 ~
32,000
32,000
+ ~ 80,000
80,000
+ ~ 125,000
125,000
+ ~ 160,000
12 mA
20 mA
30 mA
40 mA
10 mA
18 mA
28 mA
38 mA
7 mA
15 mA
25 mA
35 mA
Frequenzstabilität
frequency stability
über alles *)
all conditions *)
1,800 ~ 160,000
±25 ppm ~ ±100 ppm
Tastverhältnis
symmetry
@50% VDD
@1,4 V
1,800 ~
50,000
50,000
+ ~ 160,000
45/55 %
40/60 %
40/60 %
Ausgangsspannung
output voltage
VOL
VOH
“0“ level
“1“ level
1,800 ~ 160,000
0,28 V max.
2,52 V min.
0,25 V max.
2,25 V min.
0,36 V max.
1,44 V min.
10% - 90% VDD
1,800 ~
80,000
80,000
+ ~ 125,000
125,000
+ ~ 160,000
5,0 ns
4,0 ns
3,0 ns
-
-
-
Anstiegszeit max.
rise time max.
TR
20% - 80% VDD
1,800 ~
80,000
80,000
+ ~ 125,000
125,000
+ ~ 160,000
-
-
-
5,0 ns
3,5 ns
3,0 ns
90% - 10% VDD
1,800 ~
80,000
80,000
+ ~ 125,000
125,000
+ ~ 160,000
5,0 ns
4,0 ns
3,0 ns
-
-
-
Abfallzeit max.
fall time max.
TF
20% - 80% VDD
1,800 ~
80,000
80,000
+ ~ 125,000
125,000
+ ~ 160,000
-
-
-
5,0 ns
3,5 ns
3,0 ns
Ausgangsstrom min.
output current min.
IOL
IOH
“0“ level
“1“ level
4 mA
4 mA
2 mA
2 mA
Standbystrom max.
standby current max.
10 µA
max. Belastbarkeit
max. driving ability
CMOS
1,800 ~ 160,000
15 pF
Startzeit max.
start-up time max.
0,0 V ~ VDD
1,800 ~
32,000
32,000
+ ~ 160,000
5 ms
10 ms
*) Anmerkung: inkl. Abgleichtoleranz, Temperaturgang, Spannungs- und Laständerung, Alterung, Schock und Vibration
note: incl. frequency and temperature tolerance, supply voltage and load change, aging, shock and vibration
Anschlußbelegung
pin connections
Abmessungen in mm
dimensions in mm
empfohlenes Layout
recommended solder pad layout
#1
E/D
#2
GND
#3
OUT
#4
VDD
Funktionstabelle
enable /disable function
INH (pin #1)
output (pin #3)
open
active
“1“ (VIH ≥ 70% VDD)
active
“0“ (VIL ≤ 30% VDD)
high Z
5,08
1,4
#1 #2
#4 #3
2,6
#1
#2
#4
#3
5,0
max.
7,5 max.
1,4
max.
lead-free/RoHS-conformal
5,08
4,2
2,0
1,8


Similar Part No. - LM1S1RH

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LM1-AHR1-01-N1 MARKTECH-LM1-AHR1-01-N1 Datasheet
56Kb / 2P
   Ultra Bright Red TOPLED LED
LM1-AYL1-01-N1 MARKTECH-LM1-AYL1-01-N1 Datasheet
56Kb / 2P
   Ultra Bright Yellow TOPLED LED
logo
Cree, Inc
LM1-EBL1-01-N2 CREE-LM1-EBL1-01-N2 Datasheet
328Kb / 5P
   SMD LED
LM1-EBL1-11-N2 CREE-LM1-EBL1-11-N2 Datasheet
326Kb / 5P
   SMD LED
LM1-EPG1-01-N2 CREE-LM1-EPG1-01-N2 Datasheet
329Kb / 5P
   SMD LED
More results

Similar Description - LM1S1RH

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
G326 MERCURY-G326 Datasheet
74Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV5032L KSS-KV5032L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Crystek Corporation
CVXO-083 CRYSTEKCRYSTAL-CVXO-083 Datasheet
417Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
Vectron International, ...
VC-480 VECTRON-VC-480 Datasheet
120Kb / 2P
   Voltage Controlled Crystal Oscillators
VC-490 VECTRON-VC-490 Datasheet
93Kb / 2P
   Voltage Controlled Crystal Oscillators
logo
List of Unclassifed Man...
CSX-750V ETC2-CSX-750V Datasheet
79Kb / 1P
   VOLTAGE CONTROLLED CRYSTAL OSCILLATORS
logo
Mercury United Electron...
GDF63 MERCURY-GDF63 Datasheet
122Kb / 1P
   Voltage Controlled Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KV7050C-P3 KSS-KV7050C-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050G-P3 KSS-KV7050G-P3_18 Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
KV7050L KSS-KV7050L Datasheet
65Kb / 1P
   Voltage Controlled Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com