Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR012403U1K Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCR012403U1K
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR012403U1K Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DCR012403U1K Datasheet HTML 1Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 2Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 3Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 4Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 5Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 6Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 7Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 8Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
Miniature, 1W Isolated
REGULATED DC/DC CONVERTERS
©2000 Burr-Brown Corporation
PDS-1587A
Printed in U.S.A. May, 2000
DCR01
Series
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
For most current data sheet and other
product information, visit www.burr-brown.com
FEATURES
q UL1950 RECOGNIZED
q PDIP-18, SO-28(1)
q 53W/in3 (3.3W/cm3) POWER DENSITY
q DEVICE-TO-DEVICE SYNCHRONIZATION
q THERMAL PROTECTION
q 1000Vrms ISOLATION
q 400kHz SWITCHING
q 125 FITS AT 55
°C
q
±10% INPUT RANGE
q SHORT-CIRCUIT PROTECTED
q 5V, 12V, 24V INPUTS
q 3.3V, 5V OUTPUTS
q HIGH EFFICIENCY
DESCRIPTION
DCR01 family is a series of high-efficiency, input-
isolated, output-regulated DC/DC converters. In addi-
tion to 1W nominal, galvanically-isolated output power
capability, this range of DC/DCs offer very low out-
put noise, thermal protection and high accuracy.
The DCR01 family is implemented in standard molded
IC packaging, giving standard JEDEC outlines suit-
able for high-volume assembly.
The DCR01 is manufactured using the same technol-
ogy as standard IC packages, thereby achieving very
high reliability.
NOTE: (1) SO version available Q3 2000.
APPLICATIONS
q POINT-OF-USE POWER CONVERSION
q DIGITAL INTERFACE POWER
q GROUND LOOP ELIMINATION
q POWER-SUPPLY NOISE REDUCTION
Input
Controller
LDO
Regulator
ENABLE
V
REC
SYNC
V
S
ERROR
V
OUT
0V
0V
DCR01
DCR01


Similar Part No. - DCR012403U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR012403U1K BURR-BROWN-DCR012403U1K Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR012403U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com