Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR012403U1K Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCR012403U1K
Description  Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCR012403U1K Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DCR012403U1K Datasheet HTML 1Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 2Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 3Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 4Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 5Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 6Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 7Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 8Page - Burr-Brown (TI) DCR012403U1K Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
DCR01
®
SO
PIN #
PIN NAME
DESCRIPTION
1VS
Voltage Input
2VS
Voltage Input
3
NC
No Connection
12
VREC
Rectified Output
13
VOUT
Output Ground
14
VO
Voltage Output
15
DNC
Do Not Connect
16
ENABLE
Output Voltage Enable
17
ERROR
Error Flag Active Low
26
0VIN
Input Ground
27
0VIN
Input Ground
28
SYNC
Synchronization Input
PIN DEFINITION (PDIP)
PIN #
PIN NAME
DESCRIPTION
1VS
Voltage Input
2
NC
No Connection
7VREC
Rectified Output
80VOUT
Output Ground
9VO
Voltage Output
10
DNC
Do Not Connect
11
ENABLE
Output Voltage Enable
12
ERROR
Error Flag Active Low
17
0VIN
Input Ground
18
SYNC
Synchronization Input
NOTE: (1) SO version available Q3 2000.
Top View
PDIP
PIN CONFIGURATIONS
DCR01
1
2
7
8
9
18
17
12
11
10
V
S
NC
V
REC
0V
OUT
V
O
SYNC
0V
IN
ERROR
ENABLE
DNC
PIN DEFINITION (SO)
DCR01U
1
2
3
12
13
14
28
27
26
17
16
15
V
S
V
S
NC
V
REC
0V
OUT
V
O
SYNC
0V
IN
0V
IN
ERROR
ENABLE
DNC
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
DCR010503P
PDIP-18
218-1
–40
°C to +85°C
DCR010503P
DCR010503P
Rails
DCR010505P
PDIP-18
218-1
–40
°C to +85°C
DCR010505P
DCR010505P
Rails
DCR010503U(3)
SO-28
217-2
–40
°C to +85°C
DCR010503U
DCR010503U/1K
Tape and Reel
DCR010505U(3)
SO-28
217-2
–40
°C to +85°C
DCR010505U
DCR010505U/1K
Tape and Reel
DCR011203P(2)
PDIP-18
218-1
–40
°C to +85°C
DCR011203P
DCR011203P
Rails
DCR011203U(1, 3)
SO-28
217-2
–40
°C to +85°C
DCR011203U
DCR011203U/1K
Tape and Reel
DCR011205P(2)
PDIP-18
218-1
–40
°C to +85°C
DCR011205P
DCR011205P
Rails
DCR011205U(1, 3)
SO-28
217-2
–40
°C to +85°C
DCR011205U
DCR011205U/1K
Tape and Reel
DCR012403P(3)
PDIP-18
218-1
–40
°C to +85°C
DCR012403P
DCR012403P
Rails
DCR012403U(1, 3)
SO-28
217-2
–40
°C to +85°C
DCR012403U
DCR012403U/1K
Tape and Reel
DCR012405P(3)
PDIP-18
218-1
–40
°C to +85°C
DCR012405P
DCR012405P
Rails
DCR012405U(1, 3)
SO-28
217-2
–40
°C to +85°C
DCR012405U
DCR012405U/1K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /1K indicates 1000 devices per reel). Ordering 1000 pieces
of “DCR010503U/1K” will get a single 1000-piece Tape and Reel. (2) Available Q2 2000. (3) Available Q3 2000.
PACKAGE/ORDERING INFORMATION


Similar Part No. - DCR012403U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR012403U1K BURR-BROWN-DCR012403U1K Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
More results

Similar Description - DCR012403U1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCR01 BURR-BROWN-DCR01_07 Datasheet
326Kb / 18P
   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCR010503P TI1-DCR010503P_14 Datasheet
326Kb / 19P
[Old version datasheet]   Miniature, 1W Isolated REGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
C&D Technologies
NMF CANDD-NMF Datasheet
116Kb / 2P
   Isolated 1W Regulated Single Output DC-DC Converters
logo
MicroPower Direct, LLC
D100R MPD-D100R Datasheet
233Kb / 2P
   Tightly Regulated Miniature, 1W SIP DC/DC Converters
logo
Burr-Brown (TI)
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
List of Unclassifed Man...
NMF0505DC ETC2-NMF0505DC Datasheet
450Kb / 4P
   Isolated 1W Regulated Single Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com