Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA132PA Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA132PA
Description  Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA132PA Datasheet(HTML) 7 Page - Burr-Brown (TI)

  INA132PA Datasheet HTML 1Page - Burr-Brown (TI) INA132PA Datasheet HTML 2Page - Burr-Brown (TI) INA132PA Datasheet HTML 3Page - Burr-Brown (TI) INA132PA Datasheet HTML 4Page - Burr-Brown (TI) INA132PA Datasheet HTML 5Page - Burr-Brown (TI) INA132PA Datasheet HTML 6Page - Burr-Brown (TI) INA132PA Datasheet HTML 7Page - Burr-Brown (TI) INA132PA Datasheet HTML 8Page - Burr-Brown (TI) INA132PA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
®
INA132
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required for operation
of the INA132. Power supply bypass capacitors should be
connected close to the device pins.
The differential input signal is connected to pins 2 and 3 as
shown. The source impedances connected to the inputs must
be nearly equal to assure good common-mode rejection. An
8
Ω mismatch in source impedance will degrade the com-
mon-mode rejection of a typical device to approximately
80dB. Gain accuracy will also be slightly affected. If the
source has a known impedance mismatch, an additional
resistor in series with one input can be used to preserve good
common-mode rejection.
Do not interchange pins 1 and 3 or pins 2 and 5, even though
nominal resistor values are equal. These resistors are laser
trimmed for precise resistor ratios to achieve accurate gain
and highest CMR. Interchanging these pins would not pro-
vide specified performance. As shown in Figure 1, measure-
ments should be sensed at the load.
supply ground). Although input voltages on pins 2 and 3
that are below the negative supply voltage will not damage
the device, operation in this region is not recommended.
Transient conditions at the inverting input terminal below
the negative supply can cause a positive feedback condition
that could lock the INA132’s output to the negative rail.
The INA132 can accurately measure differential signals that
are above the positive power supply. Linear common-mode
range extends to nearly twice the positive power supply
voltage—see typical performance curve, Common-Mode
Range vs Output Voltage.
OFFSET VOLTAGE TRIM
The INA132 is laser trimmed for low offset voltage and drift.
Most applications require no external offset adjustment.
Figure 2 shows an optional circuit for trimming the output
offset voltage. The output is referred to the output reference
terminal (pin 1), which is normally grounded. A voltage
applied to the Ref terminal will be summed with the output
signal. This can be used to null offset voltage. The source
impedance of a signal applied to the Ref terminal should be
less than 8
Ω to maintain good common-mode rejection. To
assure low impedance at the Ref terminal, the trim voltage
can be buffered with an op amp, such as the OPA177.
CAPACITIVE LOAD DRIVE CAPABILITY
The INA132 can drive large capacitive loads, even at low
supplies. It is stable with a 10,000pF load. Refer to the
“Small-Signal Step Response” and “Settling Time vs Load
Capacitance” typical performance curves.
FIGURE 1. Basic Power Supply and Signal Connections.
OPERATING VOLTAGE
The INA132 operates from single (+2.7V to +36V) or dual
(
±1.35V to ±18V) supplies with excellent performance.
Specifications are production tested with +5V and
±15V
supplies. Most behavior remains unchanged throughout the
full operating voltage range. Parameters which vary signifi-
cantly with operating voltage are shown in the typical
performance curves.
The internal op amp in the INA132 is a single-supply design.
This allows linear operation with the op amp’s common-
mode voltage equal to, or slightly below V– (or single
FIGURE 2. Offset Adjustment.
V
3
5
6
3
V
O
INA132
V
O = V3 – V2
Offset Adjustment
Range = ±500µV
2
R
3
Ref
R
1
R
2
R
4
V
2
8
R = 237k
8
100k
+15V
–15V
1
NOTE: For ±750µV range, R = 158k
Ω.
V
3
5
6
3
INA132
V
OUT = V3 – V2
2
R
3
Ref
R
1
R
2
R
4
V
2
40k
40k
40k
40k
R
L
1µF
V–
4
1µF
V+
7
1


Similar Part No. - INA132PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA132PA TI1-INA132PA Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132PA TI1-INA132PA Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132PA TI1-INA132PA Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA132PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132U2K5E4 TI1-INA132U2K5E4 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com