Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA126EA Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA126EA
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126EA Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA126EA Datasheet HTML 1Page - Burr-Brown (TI) INA126EA Datasheet HTML 2Page - Burr-Brown (TI) INA126EA Datasheet HTML 3Page - Burr-Brown (TI) INA126EA Datasheet HTML 4Page - Burr-Brown (TI) INA126EA Datasheet HTML 5Page - Burr-Brown (TI) INA126EA Datasheet HTML 6Page - Burr-Brown (TI) INA126EA Datasheet HTML 7Page - Burr-Brown (TI) INA126EA Datasheet HTML 8Page - Burr-Brown (TI) INA126EA Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
INA126, INA2126
3
SBOS062A
www.ti.com
ELECTRICAL CHARACTERISTICS
At TA = +25°C, VS = ±15V, RL = 25kΩ, unless otherwise noted.
INA126P, U, E
INA126PA, UA, EA
INA2126P, U, E
INA2126PA, UA, EA
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
Offset Voltage, RTI
±100
±250
±150
±500
µV
vs Temperature
±0.5
±3
±5
µV/°C
vs Power Supply (PSRR)
VS = ±1.35V to ±18V
5
15
50
µV/V
Input Impedance
109 || 4
Ω || pF
Safe Input Voltage
RS = 0
(V–)–0.5
(V+)+0.5
✻✻
V
RS = 1kΩ
(V–)–10
(V+)+10
✻✻
V
Common-Mode Voltage Range
VO = 0V
±11.25
±11.5
✻✻
V
Channel Separation (dual)
G = 5, dc
130
dB
Common-Mode Rejection
RS = 0, VCM = ±11.25V
83
94
74
90
dB
INA2126U (dual SO-16)
80
94
dB
INPUT BIAS CURRENT
–10
–25
–50
nA
vs Temperature
±30
pA/
°C
Offset Current
±0.5
±2
±5nA
vs Temperature
±10
pA/
°C
GAIN
G = 5 to 10k
V/V
Gain Equation
G = 5 + 80k
Ω/R
G
V/V
Gain Error
VO = ±14V, G = 5
±0.02
±0.1
±0.18
%
vs Temperature
G = 5
±2
±10
✻✻
ppm/
°C
Gain Error
VO = ±12V, G = 100
±0.2
±0.5
±1%
vs Temperature
G = 100
±25
±100
✻✻
ppm/
°C
Nonlinearity
G = 100, VO = ±14V
±0.002
±0.012
✻✻
%
NOISE
Voltage Noise, f = 1kHz
35
nV/
√Hz
f = 100Hz
35
nV/
√Hz
f = 10Hz
45
nV/
√Hz
fB = 0.1Hz to 10Hz
0.7
µV
PP
Current Noise, f = 1kHz
60
fA/
√Hz
fB = 0.1Hz to 10Hz
2
pAPP
OUTPUT
Voltage, Positive
RL = 25kΩ
(V+)–0.9
(V+)–0.75
✻✻
V
Negative
RL = 25kΩ
(V–)+0.95
(V–)+0.8
✻✻
V
Short-Circuit Current
Short-Circuit to Ground
+10/–5
mA
Capacitive Load Drive
1000
pF
FREQUENCY RESPONSE
Bandwidth, –3dB
G = 5
200
kHz
G = 100
9
kHz
G = 500
1.8
kHz
Slew Rate
VO = ±10V, G = 5
0.4
V/
µs
Settling Time, 0.01%
10V Step, G = 5
30
µs
10V Step, G = 100
160
µs
10V Step, G = 500
1500
µs
Overload Recovery
50% Input Overload
4
µs
POWER SUPPLY
Voltage Range
±1.35
±15
±18
✻✻
V
Current (per channel)
IO = 0
±175
±200
✻✻
µA
TEMPERATURE RANGE
Specification Range
–40
+85
✻✻
°C
Operation Range
–55
+125
✻✻
°C
Storage Range
–55
+125
✻✻
°C
Thermal Resistance,
θ
JA
8-Pin DIP
100
°C/W
SO-8 Surface-Mount
150
°C/W
MSOP-8 Surface-Mount
200
°C/W
16-Pin DIP (dual)
80
°C/W
SO-16 (dual)
100
°C/W
SSOP-16 (dual)
100
°C/W
✻ Specification same as INA126P, INA126U, INA126E; INA2126P, INA2126U, INA2126E.


Similar Part No. - INA126EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120AP TI-INA120AP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BG TI-INA120BG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BP TI-INA120BP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120CG TI-INA120CG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA126EA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com