Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA126U Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA126U
Description  MicroPOWER INSTRUMENTATION AMPLIFIER Single and Dual Versions
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA126U Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button INA126U Datasheet HTML 4Page - Burr-Brown (TI) INA126U Datasheet HTML 5Page - Burr-Brown (TI) INA126U Datasheet HTML 6Page - Burr-Brown (TI) INA126U Datasheet HTML 7Page - Burr-Brown (TI) INA126U Datasheet HTML 8Page - Burr-Brown (TI) INA126U Datasheet HTML 9Page - Burr-Brown (TI) INA126U Datasheet HTML 10Page - Burr-Brown (TI) INA126U Datasheet HTML 11Page - Burr-Brown (TI) INA126U Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
INA126, INA2126
8
SBOS062A
www.ti.com
INPUT BIAS CURRENT RETURN
The input impedance of the INA126/2126 is extremely
high—approximately 109
Ω. However, a path must be pro-
vided for the input bias current of both inputs. This input
bias current is typically –10nA (current flows out of the
input terminals). High input impedance means that this input
bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current
for proper operation. Figure 3 shows various provisions for
an input bias current path. Without a bias current path, the
inputs will float to a potential which exceeds the common-
mode range and the input amplifiers will saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two equal resistors provides a balanced input with
advantages of lower input offset voltage due to bias current
and better high-frequency common-mode rejection.
FIGURE 3. Providing an Input Common-Mode Current Path.
INPUT COMMON-MODE RANGE
The input common-mode range of the INA126/2126 is
shown in the typical characteristic curves. The common-
mode range is limited on the negative side by the output
voltage swing of A2, an internal circuit node that cannot be
measured on an external pin. The output voltage of A2 can
be expressed as:
VO2 = 1.25 VIN – (VIN – VIN) (10kΩ/RG)
(2)
(Voltages referred to Ref terminal, pin 5)
+
The internal op amp A2 is identical to A1 and its output
swing is limited to typically 0.7V from the supply rails.
When the input common-mode range is exceeded (A2’s
output is saturated), A1 can still be in linear operation and
respond to changes in the non-inverting input voltage. The
output voltage, however, will be invalid.
LOW VOLTAGE OPERATION
The INA126/2126 can be operated on power supplies as low
as
±1.35V. Performance remains excellent with power sup-
plies ranging from
±1.35V to ±18V. Most parameters vary
only slightly throughout this supply voltage range—see
typical characteristic curves. Operation at very low supply
voltage requires careful attention to ensure that the common-
mode voltage remains within its linear range. See “Input
Common-Mode Voltage Range.”
The INA126/2126 can be operated from a single power
supply with careful attention to input common-mode range,
output voltage swing of both op amps and the voltage
applied to the Ref terminal. Figure 4 shows a bridge ampli-
fier circuit operated from a single +5V power supply. The
bridge provides an input common-mode voltage near 2.5V,
with a relatively small differential voltage.
INPUT PROTECTION
The inputs are protected with internal diodes connected to
the power supply rails. These diodes will clamp the applied
signal to prevent it from exceeding the power supplies by
more than approximately 0.7V. If the signal source voltage
can exceed the power supplies, the source current should be
limited to less than 10mA. This can generally be done with
a series resistor. Some signal sources are inherently current-
limited and do not require limiting resistors.
CHANNEL CROSSTALK—DUAL VERSION
The two channels of the INA2126 are completely indepen-
dent, including all bias circuitry. At DC and low frequency
there is virtually no signal coupling between channels.
Crosstalk increases with frequency and is dependent on
circuit gain, source impedance and signal characteristics.
As source impedance increases, careful circuit layout will
help achieve lowest channel crosstalk. Most crosstalk is
produced by capacitive coupling of signals from one channel
to the input section of the other channel. To minimize
coupling, separate the input traces as far as practical from
any signals associated with the opposite channel. A grounded
guard trace surrounding the inputs helps reduce stray cou-
pling between channels. Carefully balance the stray capaci-
tance of each input to ground, and run the differential inputs
of each channel parallel to each other, or directly adjacent on
top and bottom side of a circuit board. Stray coupling then
tends to produce a common-mode signal that is rejected by
the IA’s input.
47k
47k
10k
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA126
INA126
INA126


Similar Part No. - INA126U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA120 TI-INA120 Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120AP TI-INA120AP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BG TI-INA120BG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120BP TI-INA120BP Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
INA120CG TI-INA120CG Datasheet
128Kb / 12P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA126U

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com