Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99SMOHGGW Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 99SMOHGGW
Description  Crystal Clock Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

99SMOHGGW Datasheet(HTML) 1 Page - Wolfgang Knap

  99SMOHGGW Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
87
99SMOHG (+2.5V, +3.0V or +3.3V HIGH STABILITY FIXED MODELS)
STANDARD SMD CLOCK OSCILLATORS
Crystal Clock Oscillators
Lid
Base
Sealing
Terminal
Terminal plating
RoHS
99SMOHG
Metal
Ceramic
Seam
Tungsten (metalized)
Gold / Nickel
(surface) / (under)
Compliant (Pb-free)
Package
Item
Package
Item
Generic part number
Frequency range
Standard frequencies (MHz)
Frequency stability
over all conditions
Operating Conditions
Operating temperature
Input voltage (VDD)
Stand-by control voltage (Pin#1)
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current
(Pin#1=Open or ViH)
Stand-by current
Output
Symmetry
Rise and fall times
"0" level
"1" level
Load
Disable delay time
Enable delay time
Startup time
Aging (non operation)
SSB phase noise
Reflow condition
TF
T
t
90% or 80% VDD
10% or 20% VDD
OV DC
Symmetry=t/T×100(%)
50% VDD
TR
GND
VOH ("1"Level)
VOL ("0"Level)
VDD
5.0
±0.2
1.2
1.2
2.6
#1
#2
#4
#3
#4
#3
#1
#2
PIN
1
CONNECTION
"L"
2
GND
3Z
OPEN or "H"
OUTPUT
Z : high impedance
4VDD
99SMOHG
OUTPUT WAVEFORM
V
DC Power
Supply
CL : including fixture and probe capacitance.
VDD
VDD
CL
Test Point
#2
#3
OUTPUT
TRI-STATE
GND
#1
#4
A
TEST CIRCUIT
99SMOHG
Item
Specifications
STANDARD SPECIFICATIONS
STANDARD SPECIFICATIONS
PACKAGE DATA
99SMOHG※1
500.000 kHz to 50.000 MHz
31.250 MHz, 40.000 MHz, 44.000 MHz
99SMOHG(E) : ±20 ppm over -30˚C to +85˚C
99SMOHG(F) : ±15 ppm over -30˚C to +85˚C
99SMOHG(G) : ±10 ppm over -30˚C to +85˚C
99SMOHG(EW) : ±20 ppm over -40˚C to +85˚C
99SMOHG(FW) : ±15 ppm over -40˚C to +85˚C
99SMOHG(GW) : ±10 ppm over -40˚C to +85˚C
-30˚C to +85˚C (standard)
-40˚C to +85˚C (W)
+2.5V, +3.0V or +3.3V DC ±5%
VIH : VDD -0.5V min.
VIL : 0.5V max.※2
-0.3V to +5.5V DC
-40˚C to +85˚C
10 mA max.
10 μA max. (Pin#1=VIL)
45% to 55% at 50%VDD level
6 ns max. (10%VDD to 90%VDD level)
VOL : 10%VDD max.
VOH : 90%VDD min.
15 pF max. (CMOS)
100 ns max.
10 ms max.
10 ms max.
±2 ppm max. at +25˚C ±3˚C for first year
-130 dBc/Hz max. at 1 kHz offset
+250˚C ±10˚C for 10 seconds
+170˚C ±10˚C for 1 to 2 minutes (pre-heating)
(※1) Final exact part number to be determined with frequency, frequency stability, operating temperature and input voltage.
e.g. 99SMOHG(3.0VE) 40.000 MHz.
(※2) Internal crystal oscillation to be halted (Pin#1=VIL)
High Stability
3.7
1.5
2.2
1.5
0.01μF
0.1μF
SOLDERING PATTERN
A
5.4 3.5 12.0 5.5 8.0 1.5 0.3 1.4
178
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size


Similar Part No. - 99SMOHGGW

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
99SMO-SS WK-99SMO-SS Datasheet
109Kb / 1P
   Crystal Clock Oscillators
99SMOM WK-99SMOM Datasheet
106Kb / 1P
   Crystal Clock Oscillators
99SMOMA WK-99SMOMA Datasheet
106Kb / 1P
   Crystal Clock Oscillators
99SMOMB WK-99SMOMB Datasheet
106Kb / 1P
   Crystal Clock Oscillators
99SMOMC WK-99SMOMC Datasheet
106Kb / 1P
   Crystal Clock Oscillators
More results

Similar Description - 99SMOHGGW

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com