Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

97SMOKZS Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 97SMOKZS
Description  Crystal Clock Oscillators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

97SMOKZS Datasheet(HTML) 1 Page - Wolfgang Knap

  97SMOKZS Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
85
Crystal Clock Oscillators
97SMO(K)※1
1.000 MHz to 100.000 MHz
1.000 MHz to 70.000 MHz
97SMO(KE) : ±100 ppm
97SMO(KX) : ±100 ppm
97SMO(KF) : ±50 ppm
97SMO(KY) : ±50 ppm
97SMO(KG) : ±30 ppm
97SMO(KZ) : ±30 ppm
97SMO(KH) : ±25 ppm
97SMO(KZS) : ±25 ppm
97SMO(KJ) : ±20 ppm
97SMO(KZZ) : ±20 ppm
0˚C to +70˚C (standard)
-40˚C to +85˚C (W)
+5V DC ±10%
VIH : +2.2VDD min.
VIL : +0.8VDD max.※2
-0.5V to +7.0V DC
-55˚C to +125˚C
20 mA max. (1.0MHz to 37.0MHz)
30 mA max. (1.0MHz to 37.0MHz)
45 mA max. (33.0MHz to 50.0MHz)
55 mA max. (33.0MHz to 50.0MHz)
50 mA max. (50.0MHz to 70.0MHz)
60 mA max. (50.0MHz to 70.0MHz)
70 mA max. (70.0MHz to 100.0MHz)
50μA max. (Pin #1=VIL)
40% to 60% at 50%VDD level
10 ns max. (10%VDD to 90%VDD level)
VOL : 10%VDD max.
VOH : 90%VDD min.
15 pF max. (CMOS)
50 pF max. (CMOS)
100 ns max.
10 ms max.
±5 ppm max. at +25˚C ±3˚C for first year
+250˚C ±10˚C for 10 seconds
+170˚C ±10˚C for 1 to 2 minutes (preheating)
Metal
Ceramic
Seam
Tungsten (metalized)
Gold / Nickel
(surface) / (under)
Compliant (Pb-free)
Lid
Base
Sealing
Terminal
Terminal plating
RoHS
97SMO(K)
97SMO(K)
97SMO(K) (+5V FIXED MODELS)
STANDARD SMD CLOCK OSCILLATORS
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
Item
Specifications
(※1) Final exact part number to be determined with frequency, frequency stability and operating temperature.
e.g. 97SMO(KY)W 50.000 MHz.
(※2) Internal crystal oscillation to be halted (Pin#1 = VIL).
Generic part number
Frequency range
Frequency stability
(0˚C to +70˚C)
over all conditions
Operating Conditions
Operating temperature
Input voltage (VDD)
Tri-state control voltage (Pin#1)
Absolute Max. Ratings
Supply voltage
Storage temperature
Input current
Stand-by current※2
Output (-40˚C to +85˚C)
Symmetry
Rise and fall times
"0" level
"1" level
Load
Enable / Disable delay time
Startup time
Aging
Reflow condition
7.0
±0.2
1.4
1.4
3.68
5.08
#4
#3
#1
#2
#1
#2
#4
#3
PIN
1
CONNECTION
"L"
2
GND
3Z
OPEN or "H"
OUTPUT
Z : high impedance
4VDD
97SMO(K)
TF
T
t
90% or 80% VDD
10% or 20% VDD
OV DC
Symmetry=t/T×100(%)
50% VDD
TR
GND
VOH ("1"Level)
VOL ("0"Level)
VDD
OUTPUT WAVEFORM
V
DC Power
Supply
CL : including fixture and probe capacitance.
VDD
VDD
CL
Test Point
#2
#3
OUTPUT
TRI-STATE
GND
#1
#4
A
TEST CIRCUIT
1.8
3.28
1.8
5.08
0.01μF
0.1μF
SOLDERING PATTERN
A
7.65 5.75 16.0 7.5 8.0 2.0 0.3 2.2
178
1000pcs
Qty/Reel
B
C
D
F
J
L
M Reel Dia.
4.0
±0.1
2.0
±0.1
+0.1
-0
φ1.5
L
B
F
J
M
TAPE SPECIFICATIONS
Actual Size


Similar Part No. - 97SMOKZS

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
97SMOK-18-33V WK-97SMOK-18-33V Datasheet
101Kb / 1P
   Crystal Clock Oscillators
97SMOKL WK-97SMOKL Datasheet
101Kb / 1P
   Crystal Clock Oscillators
97SMOKM WK-97SMOKM Datasheet
101Kb / 1P
   Crystal Clock Oscillators
97SMOKN WK-97SMOKN Datasheet
101Kb / 1P
   Crystal Clock Oscillators
97SMOKP WK-97SMOKP Datasheet
101Kb / 1P
   Crystal Clock Oscillators
More results

Similar Description - 97SMOKZS

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-600 NEL-HS-600 Datasheet
297Kb / 2P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
HS-2870 ETC1-HS-2870 Datasheet
362Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1440 ETC1-SC-A1440 Datasheet
278Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Nel Frequency Controls,...
SD-B2980 NEL-SD-B2980 Datasheet
50Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-160 NEL-SJ-160 Datasheet
258Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SJ-B2870 NEL-SJ-B2870 Datasheet
381Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SK-A2D00 NEL-SK-A2D00 Datasheet
255Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
logo
Wolfgang Knap
22SMOP WK-22SMOP Datasheet
98Kb / 1P
   Crystal Clock Oscillators
32SMOP WK-32SMOP Datasheet
100Kb / 1P
   Crystal Clock Oscillators
logo
List of Unclassifed Man...
SJ460 ETC-SJ460 Datasheet
256Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
SC-A1420 ETC1-SC-A1420 Datasheet
41Kb / 2P
   Crystal Clock Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com