Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA125UA Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA125UA
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA125UA Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA125UA Datasheet HTML 2Page - Burr-Brown (TI) INA125UA Datasheet HTML 3Page - Burr-Brown (TI) INA125UA Datasheet HTML 4Page - Burr-Brown (TI) INA125UA Datasheet HTML 5Page - Burr-Brown (TI) INA125UA Datasheet HTML 6Page - Burr-Brown (TI) INA125UA Datasheet HTML 7Page - Burr-Brown (TI) INA125UA Datasheet HTML 8Page - Burr-Brown (TI) INA125UA Datasheet HTML 9Page - Burr-Brown (TI) INA125UA Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
®
INA125
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C and VS = ±15V, unless otherwise noted.
SLEW RATE vs TEMPERATURE
Temperature (°C)
0.30
0.25
0.20
0.15
0.10
0.05
0
–75
–50
–25
0
25
50
75
100
125
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
Temperature (°C)
16
14
12
10
8
6
4
2
0
–75
–50
–25
0
25
50
75
100
125
I
B
I
OS
INPUT-REFERRED VOLTAGE AND CURRENT NOISE
vs FREQUENCY
Frequency (Hz)
1
100
10
1k
10k
1k
100
10
1
1k
100
10
1
100k
Voltage Noise
Current Noise
INPUT-REFERRED OFFSET VOLTAGE
vs SLEEP TURN-ON TIME
Time From Turn-On (µs)
0
250
50
100
150
200
100
80
60
40
20
0
–20
–40
–60
–80
–100
G = 100
SETTLING TIME vs GAIN
Gain (V/V)
1
100
10
1k
10k
1k
100
10
0.1%
0.01%
QUIESCENT CURRENT AND SLEEP CURRENT
vs TEMPERATURE
Temperature (°C)
550
500
450
400
350
300
250
200
150
100
50
0
–50
–75
–50
–25
0
25
50
75
100
125
–I
SLEEP
–I
Q
+I
Q
±I
SLEEP
+I
SLEEP
V
SLEEP = 100mV
V
SLEEP = 0V


Similar Part No. - INA125UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125UA TI1-INA125UA Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
INA125UA TI1-INA125UA Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125UA/2K5 TI1-INA125UA/2K5 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
INA125UA/2K5 TI1-INA125UA/2K5 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125UA/2K5E4 TI1-INA125UA/2K5E4 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
More results

Similar Description - INA125UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com