Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA128P Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA128P
Description  Precision, Low Power INSTRUMENTATION AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA128P Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button INA128P Datasheet HTML 2Page - Burr-Brown (TI) INA128P Datasheet HTML 3Page - Burr-Brown (TI) INA128P Datasheet HTML 4Page - Burr-Brown (TI) INA128P Datasheet HTML 5Page - Burr-Brown (TI) INA128P Datasheet HTML 6Page - Burr-Brown (TI) INA128P Datasheet HTML 7Page - Burr-Brown (TI) INA128P Datasheet HTML 8Page - Burr-Brown (TI) INA128P Datasheet HTML 9Page - Burr-Brown (TI) INA128P Datasheet HTML 10Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
OFFSET TRIMMING
The INA128/INA129 is laser trimmed for low offset voltage
and offset voltage drift. Most applications require no exter-
nal offset adjustment. Figure 2 shows an optional circuit for
trimming the output offset voltage. The voltage applied to
Ref terminal is summed with the output. The op amp buffer
provides low impedance at the Ref terminal to preserve good
common-mode rejection.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA128/INA129 is extremely
high—approximately 1010
Ω. However, a path must be pro-
vided for the input bias current of both inputs. This input
bias current is approximately
±2nA. High input impedance
means that this input bias current changes very little with
varying input voltage.
Input circuitry must provide a path for this input bias current
for proper operation. Figure 3 shows various provisions for
an input bias current path. Without a bias current path, the
inputs will float to a potential which exceeds the common-
mode range, and the input amplifiers will saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two equal resistors provides a balanced input with
possible advantages of lower input offset voltage due to bias
current and better high-frequency common-mode rejection.
INPUT COMMON-MODE RANGE
The linear input voltage range of the input circuitry of the
INA128/INA129 is from approximately 1.4V below the
positive supply voltage to 1.7V above the negative supply.
As a differential input voltage causes the output voltage
increase, however, the linear input range will be limited by
the output voltage swing of amplifiers A1 and A2. So the
FIGURE 2. Optional Trimming of Output Offset Voltage.
10k
OPA177
±10mV
Adjustment Range
100
100
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
R
G
INA128
Ref
V
O
V
IN
V
IN
+
FIGURE 3. Providing an Input Common-Mode Current Path.
47k
47k
10k
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA128
INA128
INA128
linear common-mode input range is related to the output
voltage of the complete amplifier. This behavior also de-
pends on supply voltage—see performance curves “Input
Common-Mode Range vs Output Voltage”.
Input-overload can produce an output voltage that appears
normal. For example, if an input overload condition drives
both input amplifiers to their positive output swing limit, the
difference voltage measured by the output amplifier will be
near zero. The output of A
3 will be near 0V even though both
inputs are overloaded.
LOW VOLTAGE OPERATION
The INA128/INA129 can be operated on power supplies as
low as
±2.25V. Performance remains excellent with power
supplies ranging from
±2.25V to ±18V. Most parameters
vary only slightly throughout this supply voltage range—see
typical performance curves. Operation at very low supply
voltage requires careful attention to assure that the input
voltages remain within their linear range. Voltage swing
requirements of internal nodes limit the input common-
mode range with low power supply voltage. Typical perfor-
mance curves, “Input Common-Mode Range vs Output
Voltage” show the range of linear operation for
±15V, ±5V,
and
±2.5V supplies.


Similar Part No. - INA128P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128P TI1-INA128P Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128P TI1-INA128P Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128PA TI1-INA128PA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128PA TI1-INA128PA Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128PAG4 TI1-INA128PAG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
More results

Similar Description - INA128P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA128 TI-INA128 Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA128-HT TI1-INA128-HT_15 Datasheet
834Kb / 30P
[Old version datasheet]   Precision, Low-Power Instrumentation Amplifiers
INA129UA TI1-INA129UA Datasheet
1Mb / 20P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision, Low Power Instrumentation Amplifiers
INA128-HT TI1-INA128-HT Datasheet
1Mb / 29P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA129-EP TI1-INA129-EP Datasheet
1Mb / 22P
[Old version datasheet]   PRECISION, LOW POWER INSTRUMENTATION AMPLIFIERS
INA128 TI1-INA128_15 Datasheet
1Mb / 29P
[Old version datasheet]   INA12x Precision, Low Power Instrumentation Amplifiers
INA128-HT TI-INA128-HT_15 Datasheet
750Kb / 30P
[Old version datasheet]   INA12x-HT Precision, Low-Power Instrumentation Amplifiers
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com