Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA122UA Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA122UA
Description  Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA122UA Datasheet(HTML) 4 Page - Burr-Brown (TI)

  INA122UA Datasheet HTML 1Page - Burr-Brown (TI) INA122UA Datasheet HTML 2Page - Burr-Brown (TI) INA122UA Datasheet HTML 3Page - Burr-Brown (TI) INA122UA Datasheet HTML 4Page - Burr-Brown (TI) INA122UA Datasheet HTML 5Page - Burr-Brown (TI) INA122UA Datasheet HTML 6Page - Burr-Brown (TI) INA122UA Datasheet HTML 7Page - Burr-Brown (TI) INA122UA Datasheet HTML 8Page - Burr-Brown (TI) INA122UA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
®
INA122
TYPICAL PERFORMANCE CURVES
At TA = +25°C and VS = ±5V, unless otherwise noted.
GAIN vs FREQUENCY
70
60
50
40
30
20
10
0
–10
Frequency (Hz)
100
1k
10k
100k
1M
G = 1000
G = 100
G = 20
G = 5
COMMON-MODE REJECTION vs FREQUENCY
110
100
90
80
70
60
50
40
30
20
10
0
Frequency (Hz)
1
10
100
1k
10k
100k
G = 1000
G = 100
G = 5
NEGATIVE POWER SUPPLY REJECTION
vs FREQUENCY
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
G = 500
G = 5
G = 100
POSITIVE POWER SUPPLY REJECTION
vs FREQUENCY
100
80
60
40
20
0
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 500
G = 100
G = 5
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE, V
S = ±15V, G = 5
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
VD/2
+
+
VCM
VO
VD/2
Ref
–15V
+15V
+
Limited by A2
output swing—see
text
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE, V
S = ±5V, G = 5
Output Voltage (V)
–5
–4
5
–3
–2
–1
0
1
2
3
4
5
4
3
2
1
0
–1
–2
–3
–4
–5
Limited by A2 output
swing—see text
V
S = ±5V
V
S = +5V/0V
V
REF = 2.5V
V
REF = 0V


Similar Part No. - INA122UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122UA BURR-BROWN-INA122UA Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122UA/2K5 BURR-BROWN-INA122UA/2K5 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122UA/2K5G4 BURR-BROWN-INA122UA/2K5G4 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
INA122UAG4 BURR-BROWN-INA122UAG4 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA122UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
   Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
   Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
   microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
[Old version datasheet]   microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
   Precision Single Supply Instrumentation Amplifier
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com