Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA125U Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA125U
Description  INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA125U Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA125U Datasheet HTML 1Page - Burr-Brown (TI) INA125U Datasheet HTML 2Page - Burr-Brown (TI) INA125U Datasheet HTML 3Page - Burr-Brown (TI) INA125U Datasheet HTML 4Page - Burr-Brown (TI) INA125U Datasheet HTML 5Page - Burr-Brown (TI) INA125U Datasheet HTML 6Page - Burr-Brown (TI) INA125U Datasheet HTML 7Page - Burr-Brown (TI) INA125U Datasheet HTML 8Page - Burr-Brown (TI) INA125U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©1997 Burr-Brown Corporation
PDS-1361B
Printed in U.S.A., February, 1998
®
INA125
INSTRUMENTATION AMPLIFIER
With Precision Voltage Reference
FEATURES
q LOW QUIESCENT CURRENT: 460
µA
q PRECISION VOLTAGE REFERENCE:
1.24V, 2.5V, 5V or 10V
q SLEEP MODE
q LOW OFFSET VOLTAGE: 250
µV max
q LOW OFFSET DRIFT: 2
µV/°C max
q LOW INPUT BIAS CURRENT: 20nA max
q HIGH CMR: 100dB min
q LOW NOISE: 38nV/
√ Hz at f = 1kHz
q INPUT PROTECTION TO
±40V
q WIDE SUPPLY RANGE
Single Supply: 2.7V to 36V
Dual Supply:
±1.35V to ±18V
q 16-PIN DIP AND SO-16 SOIC PACKAGES
APPLICATIONS
q PRESSURE AND TEMPERATURE BRIDGE
AMPLIFIERS
q INDUSTRIAL PROCESS CONTROL
q FACTORY AUTOMATION
q MULTI-CHANNEL DATA ACQUISITION
q BATTERY OPERATED SYSTEMS
q GENERAL PURPOSE INSTRUMENTATION
DESCRIPTION
The INA125 is a low power, high accuracy instrumen-
tation amplifier with a precision voltage reference. It
provides complete bridge excitation and precision dif-
ferential-input amplification on a single integrated
circuit.
A single external resistor sets any gain from 4 to
10,000. The INA125 is laser-trimmed for low offset
voltage (250
µV), low offset drift (2µV/°C), and high
common-mode rejection (100dB at G = 100). It oper-
ates on single (+2.7V to +36V) or dual (
±1.35V to
±18V) supplies.
The voltage reference is externally adjustable with pin-
selectable voltages of 2.5V, 5V, or 10V, allowing use
with a variety of transducers. The reference voltage is
accurate to
±0.5% (max) with ±35ppm/°C drift (max).
Sleep mode allows shutdown and duty cycle operation
to save power.
The INA125 is available in 16-pin plastic DIP and
SO-16 surface-mount packages and is specified for
the –40
°C to +85°C industrial temperature range.
A
1
Ref
Amp
10V
A
2
30k
10k
10k
30k
Bandgap
V
REF
13
12
1
14
15
16
4
6
9
10
11
IA
REF
5
8
7
R
G
Sense
R
R
2R
4R
INA125
V
REFCOM
V
REFBG
V
REF2.5
V
REF5
V
REF10
V
REFOut
V
IN
V+
+
V
IN
2
SLEEP
3
V–
V
O = (VIN – VIN) G
G = 4 + 60k
+
R
G
V
O
INA125
INA125
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132


Similar Part No. - INA125U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125U TI1-INA125U Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
INA125U TI1-INA125U Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125U/2K5 TI1-INA125U/2K5 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
INA125U/2K5 TI1-INA125U/2K5 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125U/2K5E4 TI1-INA125U/2K5E4 Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
More results

Similar Description - INA125U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com