Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

90M12A Datasheet(PDF) 1 Page - Wolfgang Knap

Part # 90M12A
Description  Monolithic Crystal Filters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WK [Wolfgang Knap]
Direct Link  http://www.knap.at/en/index.html
Logo WK - Wolfgang Knap

90M12A Datasheet(HTML) 1 Page - Wolfgang Knap

  90M12A Datasheet HTML 1Page - Wolfgang Knap  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
121
Monolithic Crystal Filters
90MHz UM-1 FAMILY
STANDARD THROUGH-HOLE MCF
(MHz)
Nominal
Frequency
fo
Part number
(MHz)
(dB)
(kHz)
Nominal
Frequency
fo
Passband
min.
(dB) (kHz)
(dB)
(dB)
(kHz)
Stopband
max.
Attention
Guaranteed min.
Ripple
max.
(dB)
Loss
max.
(Ω//pF)
Terminating
Impedance
(˚C)
Operating
Temperature
No.
of Pole
STANDARD SPECIFICATIONS
PACKAGE DATA
Package
Item
UM-1 / 8H
UM-1S / 8H
Cover
Base
Sealing
Terminal lead
Terminal lead plating
RoHS
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
UM-1 / 6H
UM-1S / 6H
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
UM-1 / 4H
UM-1S / 4H
Metal
Metal
Resistance weld
Alloy (FeNiCo)
Gold
Compliant (Pb-free)
90M7.5A
90M7.5B
90M12A
90M12B
90M15A
90M15B
90M20A
90M20B
90M30A
90M30B
P/N
90
90
90
90
90
90
90
90
90
90
3
3
3
3
3
3
3
3
3
3
±3.75
±3.75
±6.0
±6.0
±7.5
±7.5
±10.0
±10.0
±15.0
±15.0
10
30
15
30
15
25
15
35
15
30
±12.5
±12.5
±22.0
±25.0
±30.0
±25.0
±40.0
±40.0
±60.0
±60.0
35
35
70
75
35
35
70
75
35
35
70
75
35
35
70
75
35
35
70
75
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
+500 to +1000
-200 to -1000
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
4.0
2.0
3.0
2.0
3.0
2.0
3.0
2.0
3.0
2000//0.3
1200//0.1
2000//0
1800//-0.3
2000//-0.1
2000//-0.5
2500//-0.4
2500//-0.6
4000//-0.7
4000//-0.7
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
-30 to +80
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
2
4 (2 pcs.)
Contact us for other frequencies or other specifications
UM-1/8H & UM-1S/8H
UM-1/6H & UM-1S/6H
UM-1/4H & UM-1S/4H
3.75
±0.2
6.9
8.0max.
φ0.35
W
GND
Package
UM-1/8H
H
8.0max.
UM-1/6H
6.0max.
UM-1/4H
4.5max.
W
3.0
±0.2
3.0
±0.2
3.0
±0.2
Package
UM-1S/8H
H
8.0max.
UM-1S/6H
6.0max.
UM-1S/4H
4.5max.
W
2.5
±0.2
2.5
±0.2
2.5
±0.2
Actual Size
Actual Size
Actual Size
(pF)
Coupling
Capacitor
-
0.7
-
-0.2
-
-0.5
-
-0.8
-
-1.3


Similar Part No. - 90M12A

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
90M15B QUARTZCOM-90M15B Datasheet
125Kb / 1P
   -20 ~ 70 째C commercial application -40 ~ 85 째C industrial application
More results

Similar Description - 90M12A

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
214-UM1-FAMILY WK-214-UM1-FAMILY Datasheet
86Kb / 1P
   Monolithic Crystal Filters
logo
ECS, Inc.
ECS-10.7-7.5A ECS-ECS-10.7-7.5A Datasheet
206Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
38SMF WK-38SMF Datasheet
113Kb / 1P
   Monolithic Crystal Filters
45-UM1-FAMILY WK-45-UM1-FAMILY Datasheet
91Kb / 1P
   Monolithic Crystal Filters
96SMF-2P1 WK-96SMF-2P1 Datasheet
104Kb / 1P
   Monolithic Crystal Filters
UM1HJ-UM1SHJ-FAMILY WK-UM1HJ-UM1SHJ-FAMILY Datasheet
134Kb / 1P
   Monolithic Crystal Filters
logo
Raltron Electronics Cor...
10M7A RALTRON-10M7A Datasheet
76Kb / 3P
   MONOLITHIC CRYSTAL FILTERS
logo
Wolfgang Knap
96SMF-4P2 WK-96SMF-4P2 Datasheet
114Kb / 1P
   Monolithic Crystal Filters
70-UM1-FAMILY WK-70-UM1-FAMILY Datasheet
85Kb / 1P
   Monolithic Crystal Filters
UM1HLF-UM1SHLF-FAMILY WK-UM1HLF-UM1SHLF-FAMILY Datasheet
116Kb / 1P
   Monolithic Crystal Filters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com