Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-D14 Datasheet(PDF) 2 Page - Rohm

Part # SML-D14
Description  Original device technology enables high brightness and high reliability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-D14 Datasheet(HTML) 2 Page - Rohm

  SML-D14 Datasheet HTML 1Page - Rohm SML-D14 Datasheet HTML 2Page - Rohm SML-D14 Datasheet HTML 3Page - Rohm SML-D14 Datasheet HTML 4Page - Rohm SML-D14 Datasheet HTML 5Page - Rohm SML-D14 Datasheet HTML 6Page - Rohm SML-D14 Datasheet HTML 7Page - Rohm SML-D14 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-D14(A) series
lElectrical Characteristics Curves
 
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
0
10
20
30
40
-40 -20
0
20
40
60
80 100
0.1
1.0
10.0
100.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
-40
-20
0
20
40
60
80
100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : VF [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : IF [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
IF=20mA
SML-D14VW(A)
SML-D14U2W(A)
SML-D14DW(A)
SML-D14YW(A)
SML-D14WW(A)
SML-D14MW(A)
SML-D14VW(A)
SML-D14U2W(A)
SML-D14DW(A)
SML-D14YW(A)
SML-D14WW(A)
SML-D14MW(A)
SML-D14VW(A)
SML-D14U2W(A)
SML-D14DW(A)
SML-D14YW(A)
SML-D14WW(A)
SML-D14MW(A)
SML-D14VW(A)
SML-D14U2W(A)
SML-D14DW(A)
SML-D14YW(A)
SML-D14WW(A)
SML-D14MW(A)
Rθj-s … 440ºC/W 【V, U2】
289ºC/W 【D, Y, W, M】
Rθj-a … 731ºC/W 【V, U2】
602ºC/W 【D, Y, W, M】
TjMax … 110ºC
*Cu foil : 1.5mm×1.0mm t=0.035mm
Cathode PCB : FR4 t=0.8mm
Thermal Resistance
Rj-s : (Junction - soldering)
Rj-a : (Junction - Atmosphere)
2/7
2014.01 - Rev.A


Similar Part No. - SML-D14

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D14A ROHM-SML-D14A Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D14DW ROHM-SML-D14DW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-D14DWA ROHM-SML-D14DWA Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D14MW ROHM-SML-D14MW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-D14MWA ROHM-SML-D14MWA Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
More results

Similar Description - SML-D14

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-P12YTT86 ROHM-SML-P12YTT86 Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D14A ROHM-SML-D14A Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com