Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA121U Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA121U
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA121U Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button INA121U Datasheet HTML 3Page - Burr-Brown (TI) INA121U Datasheet HTML 4Page - Burr-Brown (TI) INA121U Datasheet HTML 5Page - Burr-Brown (TI) INA121U Datasheet HTML 6Page - Burr-Brown (TI) INA121U Datasheet HTML 7Page - Burr-Brown (TI) INA121U Datasheet HTML 8Page - Burr-Brown (TI) INA121U Datasheet HTML 9Page - Burr-Brown (TI) INA121U Datasheet HTML 10Page - Burr-Brown (TI) INA121U Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
®
INA121
SMALL-SIGNAL STEP RESPONSE
(G = 1, 10)
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
(G = 100, 1000)
LARGE-SIGNAL STEP RESPONSE
(G = 1, 10)
LARGE-SIGNAL STEP RESPONSE
(G = 100, 1000)
10
µs/div
G = 10
50mV/div
G = 1
100
µs/div
G = 100
50mV/div
G = 1000
100
µs/div
G = 10
5V/div
G = 1
G = 1000
5V/div
G = 100
100
µs/div


Similar Part No. - INA121U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA121U TI1-INA121U Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121U/2K5 TI1-INA121U/2K5 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121U/2K5G4 TI1-INA121U/2K5G4 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA TI1-INA121UA Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA/2K5 TI1-INA121UA/2K5 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA121U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com