Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA121U Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA121U
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA121U Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button INA121U Datasheet HTML 2Page - Burr-Brown (TI) INA121U Datasheet HTML 3Page - Burr-Brown (TI) INA121U Datasheet HTML 4Page - Burr-Brown (TI) INA121U Datasheet HTML 5Page - Burr-Brown (TI) INA121U Datasheet HTML 6Page - Burr-Brown (TI) INA121U Datasheet HTML 7Page - Burr-Brown (TI) INA121U Datasheet HTML 8Page - Burr-Brown (TI) INA121U Datasheet HTML 9Page - Burr-Brown (TI) INA121U Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
®
INA121
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
VOLTAGE NOISE 0.1 TO 10Hz
INPUT-REFERRED, G
≥ 100
1s /div
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
V+
(V+) –0.3
(V+) –0.6
(V+) –0.9
(V+) –1.2
(V+) –1.5
(V–) +1.5
(V–) +1.2
(V–) +0.9
(V–) +0.6
(V–) +0.3
(V–)
0
±2
±4
±6
±8
±10
Output Current (mA)
+125°C
+125°C
+85°C
+85°C
–40°C, –55°C
–40°C, –55°C
+25°C
+25°C
INPUT OFFSET VOLTAGE WARM-UP
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
100
200
300
400
500
Time (µs)
INPUT OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (µV/°C)
18
16
14
12
10
8
6
4
2
0
Typical production
distribution of
packaged units.
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8 8.5 9 9.5 10
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
30
25
20
15
10
5
0
100
1k
10k
100k
1M
Frequency (Hz)
G = 1000
G = 10 to 100
G = 1
INPUT-REFERRED NOISE VOLTAGE
vs FREQUENCY
Frequency (Hz)
1
10
1k
10k
100
1000
100
10
1
G
= 1
G
= 10
G
= 1000
(BW Limit)
G
= 100


Similar Part No. - INA121U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA121U TI1-INA121U Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121U/2K5 TI1-INA121U/2K5 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121U/2K5G4 TI1-INA121U/2K5G4 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA TI1-INA121UA Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA/2K5 TI1-INA121UA/2K5 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA121U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com