Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA121U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA121U
Description  FET-Input, Low Power INSTRUMENTATION AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA121U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA121U Datasheet HTML 1Page - Burr-Brown (TI) INA121U Datasheet HTML 2Page - Burr-Brown (TI) INA121U Datasheet HTML 3Page - Burr-Brown (TI) INA121U Datasheet HTML 4Page - Burr-Brown (TI) INA121U Datasheet HTML 5Page - Burr-Brown (TI) INA121U Datasheet HTML 6Page - Burr-Brown (TI) INA121U Datasheet HTML 7Page - Burr-Brown (TI) INA121U Datasheet HTML 8Page - Burr-Brown (TI) INA121U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
®
INA121
PIN CONFIGURATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
Supply Voltage ..................................................................................
±18V
Analog Input Voltage Range .............................................................
±40V
Output Short-Circuit (to ground) .............................................. Continuous
Operating Temperature ................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Top View
8-Pin DIP and SO-8
R
G
V
IN
V
+
IN
V–
R
G
V+
V
O
Ref
1
2
3
4
8
7
6
5
Top View
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
Single
INA121P
8-Pin DIP
006
–40
°C to +85°C
INA121P
INA121P
Rails
INA121PA
8-Pin DIP
006
–40
°C to +85°C
INA121PA
INA121PA
Rails
INA121U
SO-8 Surface-Mount
182
–40
°C to +85°C
INA121U
INA121U
Rails
"
"
"
"
"
INA121U/2K5
Tape and Reel
INA121UA
SO-8 Surface-Mount
182
–40
°C to +85°C
INA121UA
INA121UA
Rails
"
"
"
"
"
INA121UA/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “INA121U/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION


Similar Part No. - INA121U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA121U TI1-INA121U Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121U/2K5 TI1-INA121U/2K5 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121U/2K5G4 TI1-INA121U/2K5G4 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA TI1-INA121UA Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA121UA/2K5 TI1-INA121UA/2K5 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA121U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA102 BURR-BROWN-INA102 Datasheet
173Kb / 13P
   Low Power INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
Burr-Brown (TI)
INA2128 BURR-BROWN-INA2128 Datasheet
282Kb / 10P
   Dual, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA2128U-1K TI1-INA2128U-1K Datasheet
721Kb / 17P
[Old version datasheet]   Dual, Low Power INSTRUMENTATION AMPLIFIER
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com