Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA116PA Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA116PA
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA116PA Datasheet(HTML) 7 Page - Burr-Brown (TI)

  INA116PA Datasheet HTML 1Page - Burr-Brown (TI) INA116PA Datasheet HTML 2Page - Burr-Brown (TI) INA116PA Datasheet HTML 3Page - Burr-Brown (TI) INA116PA Datasheet HTML 4Page - Burr-Brown (TI) INA116PA Datasheet HTML 5Page - Burr-Brown (TI) INA116PA Datasheet HTML 6Page - Burr-Brown (TI) INA116PA Datasheet HTML 7Page - Burr-Brown (TI) INA116PA Datasheet HTML 8Page - Burr-Brown (TI) INA116PA Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
®
7
INA116
APPLICATIONS INFORMATION
Figure 1 shows the connections required for basic operation
of the INA116. Applications with noisy or high impedance
power supplies may require decoupling capacitors close to
the supply pins as shown.
The output is referred to the output reference (Ref) terminal
which is normally grounded. This must be a low impedance
connection to assure good common-mode rejection. A resis-
tance of 30
Ω in series with this connection will cause a
typical device to degrade to approximately 72dB CMR at
G = 1.
SETTING THE GAIN
Gain of the INA116 is set by connecting a single external
resistor, RG, as shown. The gain is—
Commonly used gains and resistor values are shown in
Figure 1.
The 50k
Ω term in equation 1 is the sum of the two feedback
resistors of A
1 and A2. These on-chip metal film resistors are
laser trimmed to accurate absolute values. The accuracy and
temperature coefficient of these resistors are included in the
gain accuracy and drift specifications of the INA116.
The stability and temperature drift of RG also affect gain.
RG’s contribution to gain accuracy and drift can be directly
inferred from the gain equation (1). Low resistor values
required for high gain make wiring resistance important.
Sockets add to the wiring resistance that will contribute
additional gain error in gains of approximately 100 or
greater.
OFFSET TRIMMING
The INA116 is laser trimmed for low offset voltage and
offset voltage drift; most applications require no external
offset adjustment. Figure 2 shows an optional circuit for
trimming the output offset voltage. A voltage applied to the
Ref terminal is summed at the output. Op amp A
1 provides
a low source impedance for the Ref terminal, assuring good
common-mode rejection.
G
= 1 +
50k
R
G
(1)
FIGURE 1. Basic Connections.
INA116
R
G
Also drawn in simplified form:
V
O
Ref
V
IN
V
IN
+
A
1
A
2
A
3
R
4
60k
R
3
60k
R
2
60k
R
1
60k
V
IN
V
IN
R
G
V–
INA116
V
O
Ref
G = 1 +
50k
R
G
+
R
FB
25k
R
FB
25k
+1
+1
Over-Voltage
Protection
Over-Voltage
Protection
4
3
2
1
16
5
6
7
8
11
9
13
Input Guards
See Text.
0.1µF
V+
0.1µF
DESIRED
GAIN
1
2
5
10
20
50
100
200
500
1000
2000
5000
10000
NC: No Connection.
R
G
(
Ω)
NC
50.00k
12.50k
5.556k
2.632k
1.02k
505.1
251.3
100.2
50.05
25.01
10.00
5.001
NEAREST 1% R
G
(
Ω)
NC
49.9k
12.4k
5.62k
2.61k
1.02k
511
249
100
49.9
24.9
10
4.99


Similar Part No. - INA116PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA116PA TI1-INA116PA Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
INA116PAG4 TI1-INA116PAG4 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA116PA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Linear Technology
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com