Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0530A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0530A
Description  IF SAW Filter 374 MHz (SMD 5.0mmX5.0mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0530A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0530A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0530A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0530A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0530A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0530A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0530A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0530A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
3. Group Delay
Fig. 3 Passband Horizontal: 2MHz; Vertical: 1dB/Div


Similar Part No. - TB0530A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0530A GOLLEDGE-TB0530A Datasheet
89Kb / 6P
   SAW Filter 374.0MHz
More results

Similar Description - TB0530A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0501A TAI-SAW-TB0501A Datasheet
226Kb / 8P
   IF SAW Filter 374 MHz (SMD 5.0mmX5.0mm)
TB0525A TAI-SAW-TB0525A Datasheet
220Kb / 7P
   IF SAW Filter 369 MHz (SMD 5.0mmX5.0mm)
TB0468A TAI-SAW-TB0468A Datasheet
230Kb / 7P
   IF SAW Filter 310 MHz (SMD 5.0mmX5.0mm)
TB0801A TAI-SAW-TB0801A Datasheet
380Kb / 7P
   IF SAW Filter 420 MHz SMD 5.0mmX5.0mm
logo
Integrated Circuit Syst...
SF0374BA02518S ICST-SF0374BA02518S Datasheet
125Kb / 3P
   374 MHz IF SAW Filter 17 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB0706A TAI-SAW-TB0706A Datasheet
306Kb / 7P
   SAW Filter 350 MHz SMD 5.0mmX5.0mm
TB0707A TAI-SAW-TB0707A Datasheet
295Kb / 7P
   SAW Filter 495 MHz SMD 5.0mmX5.0mm
TB0611A TAI-SAW-TB0611A Datasheet
201Kb / 8P
   SAW Filter 495 MHz SMD 5.0mmX5.0mm
logo
API Technologies Corp
SF0374BA02518S APITECH-SF0374BA02518S Datasheet
130Kb / 3P
   374 MHz IF SAW Filter 17 MHz Bandwidth
logo
TriQuint Semiconductor
855898 TRIQUINT-855898 Datasheet
536Kb / 5P
   374 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com