Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA118 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA118 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button INA118 Datasheet HTML 3Page - Burr-Brown (TI) INA118 Datasheet HTML 4Page - Burr-Brown (TI) INA118 Datasheet HTML 5Page - Burr-Brown (TI) INA118 Datasheet HTML 6Page - Burr-Brown (TI) INA118 Datasheet HTML 7Page - Burr-Brown (TI) INA118 Datasheet HTML 8Page - Burr-Brown (TI) INA118 Datasheet HTML 9Page - Burr-Brown (TI) INA118 Datasheet HTML 10Page - Burr-Brown (TI) INA118 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
®
INA118
FIGURE 9. ECG Amplifier With Right-Leg Drive.
FIGURE 8. Differential Voltage to Current Converter.
A1
IB Error
OPA177
±1.5nA
OPA602
±1pA
OPA128
±75fA
FIGURE 5. Single-Supply Bridge Amplifier.
FIGURE 6. AC-Coupled Instrumentation Amplifier.
SEEBECK
ISA
COEFFICIENT
TYPE
MATERIAL
(
µV/°C)
R1, R2
E
+ Chromel
58.5
66.5k
– Constantan
J
+ Iron
50.2
76.8k
– Constantan
K
+ Chromel
39.4
97.6k
– Alumel
T
+ Copper
38.0
102k
– Constantan
FIGURE 7. Thermocouple Amplifier With Cold Junction
Compensation.
300
+3V
150
R
1
(1)
2V –
∆V
2V +
∆V
NOTE: (1) R
1 required to create proper common-mode voltage,
only for low voltage operation — see text.
3V
R
G
INA118
V
O
Ref
INA118
R
G
V
O
C
1
0.1µF
OPA602
Ref
R
1
1M
f
–3dB =
1
2
πR
1C1
= 1.59Hz
V
IN
+
REF102
R
2
R1
R
3
Pt100
Cu
Cu
V+
K
6
10.0V
4
2
INA118
V
O
Ref
100
Ω = RTD at 0°C
R
G
INA118
R
G
I
B
R
1
V
IN
+
A
1
I
O
Load
I
O =
• G
V
IN
R
1
Ref
INA118
R
G/2
V
O
LA
RL
RA
10k
Ref
G = 10
2.8k
2.8k
1/2
OPA2604
390k
390k
1/2
OPA2604


Similar Part No. - INA118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA118 TI1-INA118 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118P TI1-INA118P Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118P TI1-INA118P Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
INA118PB TI1-INA118PB Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
INA118 TI1-INA118 Datasheet
1Mb / 29P
[Old version datasheet]   INA118 Precision, Low Power Instrumentation Amplifier
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01 Datasheet
244Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
REV. D
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com