Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

INA118 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part No. INA118
Description  Precision, Low Power INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA118 Datasheet(HTML) 4 Page - Burr-Brown (TI)

  INA118 Datasheet HTML 1Page - Burr-Brown (TI) INA118 Datasheet HTML 2Page - Burr-Brown (TI) INA118 Datasheet HTML 3Page - Burr-Brown (TI) INA118 Datasheet HTML 4Page - Burr-Brown (TI) INA118 Datasheet HTML 5Page - Burr-Brown (TI) INA118 Datasheet HTML 6Page - Burr-Brown (TI) INA118 Datasheet HTML 7Page - Burr-Brown (TI) INA118 Datasheet HTML 8Page - Burr-Brown (TI) INA118 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
®
INA118
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
0
5
4
3
2
1
0
12
34
5
G = 1
G = 2
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
+5V
Single Supply
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, unless otherwise noted.
GAIN vs FREQUENCY
60
50
40
30
20
10
0
–10
–20
Frequency (Hz)
1k
10k
100k
1M
10M
G = 100
G = 10
G = 1
G = 1000
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
1
10
1k
100k
100
140
120
100
80
60
40
20
0
10k
G=1
G=10
G=100
G=1000
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
All
Gains
All
Gains
G = 1
G = 1
G
≥ 10
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
–15V
+15V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–5
5
4
3
2
1
0
–1
–2
–3
–4
–5
–4
–3
–2
–1
0
1
2
3
4
5
All
Gains
All
Gains
G = 1
G = 1
G
≥ 10
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
–5V
+5V
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
0
3
2
1
0
123
G = 1
G
≥ 10
VD/2
+
+
V
CM
V
O
VD/2
INA118
Ref
+3V
Single Supply


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn