Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA117AM Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA117AM Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA117AM Datasheet HTML 1Page - Burr-Brown (TI) INA117AM Datasheet HTML 2Page - Burr-Brown (TI) INA117AM Datasheet HTML 3Page - Burr-Brown (TI) INA117AM Datasheet HTML 4Page - Burr-Brown (TI) INA117AM Datasheet HTML 5Page - Burr-Brown (TI) INA117AM Datasheet HTML 6Page - Burr-Brown (TI) INA117AM Datasheet HTML 7Page - Burr-Brown (TI) INA117AM Datasheet HTML 8Page - Burr-Brown (TI) INA117AM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
INA117
®
Ref
B
–In
+In
V–
Comp
V+
Output
Ref
A
1
2
3
4
8
7
6
5
8
7
6
2
1
3
4
5
Tab
Comp
Output
V+
V–
Ref A
Ref B
–In
+In
Case internally connected to V–. Make no connection.
PIN CONFIGURATION
Top View
TO-99
INA117AM, BM, SM
Top View
DIP/SOIC
INA117P, KU
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
INA117P
8-Pin Plastic DIP
006
–40
°C to +85°C
INA117KU
SO-8 Surface-Mount
182
"
INA117AM
TO-99 Metal
001
–25
°C to +85°C
INA117BM
"
"
"
INA117SM
"
"
–55
°C to +125°C
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/)
are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “INA117KU/2K5” will get a
single 2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................................................
±22V
Input Voltage Range, Continuous ...................................................
±200V
Common-Mode and Differential, 10s ...........................................
±500V
Operating Temperature
M Metal TO-99 ................................................................ –55 to +125
°C
P Plastic DIP and U SO-8 ................................................ –40 to +85
°C
Storage Temperature
M Package ....................................................................... –65 to +150
°C
P Plastic DIP and U SO-8 .............................................. –55 to +125
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Circuit to Common ............................................ Continuous


Similar Part No. - INA117AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA117AM TI1-INA117AM Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
INA117AM4 TI1-INA117AM4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results

Similar Description - INA117AM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
logo
Burr-Brown (TI)
INA148 BURR-BROWN-INA148 Datasheet
123Kb / 12P
   짹200V Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6375 LINER-LT6375 Datasheet
1Mb / 32P
   270V Common Mode Voltage Difference Amplifier
logo
Texas Instruments
INA148 TI1-INA148 Datasheet
326Kb / 16P
[Old version datasheet]   200V Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com