Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA116 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA116
Description  Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA116 Datasheet(HTML) 6 Page - Burr-Brown (TI)

  INA116 Datasheet HTML 1Page - Burr-Brown (TI) INA116 Datasheet HTML 2Page - Burr-Brown (TI) INA116 Datasheet HTML 3Page - Burr-Brown (TI) INA116 Datasheet HTML 4Page - Burr-Brown (TI) INA116 Datasheet HTML 5Page - Burr-Brown (TI) INA116 Datasheet HTML 6Page - Burr-Brown (TI) INA116 Datasheet HTML 7Page - Burr-Brown (TI) INA116 Datasheet HTML 8Page - Burr-Brown (TI) INA116 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
INA116
6
G=1
G=10
G=100
G=1000
G=1
G=10
G=100
G=1000
20mV/div
100
µs/div
20mV/div
10
µs/div
5V/div
100
µs/div
5V/div
100
µs/div
LARGE SIGNAL RESPONSE
LARGE SIGNAL RESPONSE
SMALL SIGNAL RESPONSE
SMALL SIGNAL RESPONSE
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
32
28
24
20
16
12
8
4
0
100
1k
10k
100k
1M
Frequency (Hz)
G = 10, 100
G = 1
G = 1000
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, RL = 10kΩ, unless otherwise noted.
1s/div
VOLTAGE NOISE, 0.1 TO 10Hz
INPUT-REFERRED, G
≥ 100


Similar Part No. - INA116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
INA116PA TI1-INA116PA Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
INA116PAG4 TI1-INA116PAG4 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
INA116UA TI1-INA116UA Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
INA116UAG4 TI1-INA116UAG4 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA116

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA116 TI1-INA116 Datasheet
220Kb / 11P
[Old version datasheet]   Ultra Low Input Bias Current INSTRUMENTATION AMPLIFIER
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
   Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001_16 Datasheet
611Kb / 25P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
OPA129UE4 TI-OPA129UE4 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129UBE4 TI-OPA129UBE4 Datasheet
652Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
LTC6373 AD-LTC6373 Datasheet
3Mb / 34P
   36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
logo
Linear Technology
LTC6268-10 LINER-LTC6268-10_15 Datasheet
762Kb / 22P
   4GHz Ultra-Low Bias Current FET Input Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com