Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA110KU Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA110KU
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA110KU Datasheet(HTML) 3 Page - Burr-Brown (TI)

  INA110KU Datasheet HTML 1Page - Burr-Brown (TI) INA110KU Datasheet HTML 2Page - Burr-Brown (TI) INA110KU Datasheet HTML 3Page - Burr-Brown (TI) INA110KU Datasheet HTML 4Page - Burr-Brown (TI) INA110KU Datasheet HTML 5Page - Burr-Brown (TI) INA110KU Datasheet HTML 6Page - Burr-Brown (TI) INA110KU Datasheet HTML 7Page - Burr-Brown (TI) INA110KU Datasheet HTML 8Page - Burr-Brown (TI) INA110KU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
®
INA110
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DYNAMIC RESPONSE (CONT)
Settling Time:
0.01%,G = 1
VO = 20V Step
5
12.5
*
*
*
µs
G = 10
3
7.5
*
*
*
µs
G = 100
4
7.5
*
*
*
µs
G = 200
7
12.5
*
*
*
µs
G = 500
16
25
*
*
*
µs
Recovery(5)
50% Overdrive
1
*
*
µs
POWER SUPPLY
Rated Voltage
±15
*
*
V
Voltage Range
±6
±18
*
*
*
*
V
Quiescent Current
VO = 0V
±3
±4.5
**
**
mA
TEMPERATURE RANGE
Specification: A, B, K
–25
+85
*
*
0
+70
°C
S
–55
+125
°C
Operation
–55
+125
*
*
–25
+85
°C
Storage
–65
+150
*
*
–40
+85
°C
θ
JA
100
*
*
°C/W
SPECIFICATIONS (CONT)
ELECTRICAL
At +25
°C, ±V
CC 15VDC, and RL = 2KΩ, unless otherwise specified.
INA110BG, SG
INA110KP, KU
INA110AG
* Same as INA110AG.
NOTES: (1) Gains other than 1, 10, 100, 200, and 500 can be set by adding an external resistor, RG, between pin 3 and pins 11, 12 and 16. Gain accuracy is a function
of RG and the internal resistors which have a ±20% tolerance with 20ppm/°C drift. (2) Adjustable to zero. (3) For differential input voltage other than zero, see Typical
Performance Curves. (4) VNOISE RTI = √VN2 INPUT + (VN OUTPUT/Gain)2. (5) Time required for output to return from saturation to linear operation following the removal of
an input overdrive voltage.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................................................
±18V
Input Voltage Range ..........................................................................
±V
CC
Operating Temperature Range: G ................................. –55
°C to +125°C
P, U ............................... –25
°C to +85°C
Storage Temperature Range: G .................................... –65
°C to +150°C
P, U .................................. –40
°C to +85°C
Lead Temperature (soldering, 10s): G, P ..................................... +300
°C
(soldering, 3s): U ........................................... +260
°C
Output Short Circuit Duration ............................... Continuous to Common
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
INA110AG
16-Pin Ceramic DIP
109
INA110BG
16-Pin Ceramic DIP
109
INA110SG
16-Pin Ceramic DIP
109
INA110KP
16-Pin Plastic DIP
180
INA110KU
SOL-16 SOIC
211
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.
Top View
DIP/SOIC
PIN CONFIGURATION
ORDERING INFORMATION
MODEL
PACKAGE
TEMPERATURE RANGE
INA110AG
16-Pin Ceramic DIP
–25
°C to +85°C
INA110BG
16-Pin Ceramic DIP
–25
°C to +85°C
INA110SG
16-Pin Ceramic DIP
–55
°C to +125°C
INA110KP
16-Pin Plastic DIP
0
°C to +70°C
INA110KU
SOL-16 SOIC
0
°C to +70°C
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
–In
+In
R
G
Input Offset Adj.
Input Offset Adj.
Reference
–V
CC
+V
CC
x200
Output Offset Adj.
Output Offset Adj.
x10
x100
x500
Output Sense
Output
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9


Similar Part No. - INA110KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA110KU TI1-INA110KU Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110KUG4 TI1-INA110KUG4 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA110KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com