Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA111BU Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA111BU
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA111BU Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA111BU Datasheet HTML 3Page - Burr-Brown (TI) INA111BU Datasheet HTML 4Page - Burr-Brown (TI) INA111BU Datasheet HTML 5Page - Burr-Brown (TI) INA111BU Datasheet HTML 6Page - Burr-Brown (TI) INA111BU Datasheet HTML 7Page - Burr-Brown (TI) INA111BU Datasheet HTML 8Page - Burr-Brown (TI) INA111BU Datasheet HTML 9Page - Burr-Brown (TI) INA111BU Datasheet HTML 10Page - Burr-Brown (TI) INA111BU Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
®
INA111
10
FIGURE 7. Bridge Transducer Amplifier.
mismatched values, causes a high frequency common-mode
signal to be converted to a differential signal. This degrades
common-mode rejection. The differential input capacitor,
C3, reduces the bandwidth and mitigates the effects of
mismatch in C1 and C2. Make C3 much larger than C1 and
C2. If properly matched, C1 and C2 also improve CMR.
OUTPUT VOLTAGE SENSE
(SOL-16 Package Only)
The surface-mount version of the INA111 has a separate
output sense feedback connection (pin 12). Pin 12 must be
connected, usually to the output terminal, pin 11, for proper
operation. (This connection is made internally on the DIP
version of the INA111.)
The output feedback connection can be used to sense the
output voltage directly at the load for best accuracy. Figure 8
shows how to drive a load through series interconnection
resistance. Remotely located feedback paths may cause
instability. This can be generally be eliminated with a high
frequency feedback path through C1.
FIGURE 6. Input Low-Pass Filter.
FIGURE 8. Remote Load and Ground Sensing.
INA111
R
G
100
V
O
+10V
Bridge
G = 500
Ref
INA111
V
O
V
IN
V
IN
+
R
1
R
2
C
3
C
1
C
2
R
1 = R2
C
1 = C2
C
3 ≈ 10C1
Ref
INA111
R
G
V
IN
V
IN
+
Load
Equal resistance here preserves
good common-mode rejection.
C
1
1000pF
Feedback
Ref
Surface-mount package
version only.
FIGURE 9. High-Pass Input Filter.
INA111
C
1
C
2
R
1
R
2
V
O
2
πR
1C1
1
f
c =
NOTE: To preserve good low frequency CMR,
make R
1 = R2 and C1 = C2.
R
G
Ref
f
−3dB =
1
4
π R
1
C
3 +
C
1
2


FIGURE 10. Galvanically Isolated Instrumentation
Amplifier.
INA111
ISO122
±6V to ±18V
Isolated Power
±15V
Ref
V
IN
V
IN
+
V
O
Isolated
Common
V+
V–


Similar Part No. - INA111BU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111BU BURR-BROWN-INA111BU Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111BUE4 BURR-BROWN-INA111BUE4 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA111BU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com