Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA110KP Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA110KP
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA110KP Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA110KP Datasheet HTML 1Page - Burr-Brown (TI) INA110KP Datasheet HTML 2Page - Burr-Brown (TI) INA110KP Datasheet HTML 3Page - Burr-Brown (TI) INA110KP Datasheet HTML 4Page - Burr-Brown (TI) INA110KP Datasheet HTML 5Page - Burr-Brown (TI) INA110KP Datasheet HTML 6Page - Burr-Brown (TI) INA110KP Datasheet HTML 7Page - Burr-Brown (TI) INA110KP Datasheet HTML 8Page - Burr-Brown (TI) INA110KP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
®
INA110
5
0
Frequency (Hz)
POWER SUPPLY REJECTION vs FREQUENCY
1
120
100
80
60
40
20
10
100
1k
10k
100k
1M
G = 500
G = 200
G = 100
G = 10
G = 1
0
Frequency (Hz)
CMR vs FREQUENCY
1
120
100
80
60
40
20
10
100
1k
10k
100k
1M
G = 500
G = 200
G = 100
G = 10
G = 1
1
Frequency (Hz)
GAIN vs FREQUENCY
10
1k
100
10
100
1k
10k
100k
1M
10M
G = 500
G = 200
G = 100
G = 10
G = 1
1pA
Temperature (°C)
BIAS CURRENT vs TEMPERATURE
–55
100nA
10nA
1pA
100pA
10pA
–25
5
35
65
95
125
TYPICAL PERFORMANCE CURVES (CONT)
TA = +25°C, ±VCC = 15VDC, unless otherwise noted.
Time (µs)
SMALL SIGNAL TRANSIENT RESPONSE
(G = 100)
10
100
0
–100
020
Time (µs)
LARGE SIGNAL TRANSIENT RESPONSE
(G = 100)
10
10
0
–10
020


Similar Part No. - INA110KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA110KP TI1-INA110KP Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110KPG4 TI1-INA110KPG4 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA110KP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com