Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0471A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0471A
Description  IF SAW Filter 456 MHz(SMD 7.0X5.0mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0471A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0471A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0471A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0471A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0471A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0471A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0471A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0471A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 4 -
TST DCC
Release document
E. Frequency Characteristics :
(1) S21 Response
Fig1. Horizontal: 8MHz/Div Vertical: 10dB/Div
(2) Passband Ripple
Fig2. Horizontal: 1MHz/Div Vertical: 1dB/Div


Similar Part No. - TB0471A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0472A TAI-SAW-TB0472A Datasheet
145Kb / 7P
   SAW Filter 464 MHz SMD 7.0mmX5.0mm
logo
Golledge Electronics Lt...
TB0472A GOLLEDGE-TB0472A Datasheet
59Kb / 6P
   SAW Filter 464.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TB0473A TAI-SAW-TB0473A Datasheet
372Kb / 4P
   IF SAW Filter 44MHz(BW=5MHz) SMD 13.7X4.8mm
TB0474A TAI-SAW-TB0474A Datasheet
246Kb / 7P
   70MHz IF SAW Filter (BW=35 MHz)
logo
Golledge Electronics Lt...
TB0474A GOLLEDGE-TB0474A Datasheet
168Kb / 6P
   SAW Filter 70.0MHz
More results

Similar Description - TB0471A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0463A TAI-SAW-TB0463A Datasheet
218Kb / 6P
   IF SAW Filter 456 MHz(SMD 5.0X7.0mm)
TB0457A TAI-SAW-TB0457A Datasheet
285Kb / 7P
   IF SAW Filter 325 MHz(SMD 7.0X5.0mm)
TB0459A TAI-SAW-TB0459A Datasheet
225Kb / 8P
   IF SAW Filter 464 MHz(SMD 7.0X5.0mm)
TB1227A TAI-SAW-TB1227A Datasheet
207Kb / 7P
   IF SAW Filter 173.075MHz SMD 7.0X5.0mm
TB1216A TAI-SAW-TB1216A Datasheet
268Kb / 7P
   IF SAW Filter 173.225MHz SMD 7.0X5.0mm
TB1217A TAI-SAW-TB1217A Datasheet
343Kb / 7P
   IF SAW Filter 164.175MHz SMD 7.0X5.0mm
TB1218A TAI-SAW-TB1218A Datasheet
208Kb / 7P
   IF SAW Filter 173.25MHz SMD 7.0X5.0mm
TB1265A TAI-SAW-TB1265A Datasheet
383Kb / 8P
   IF SAW Filter 256MHz SMD 7.0X5.0mm
TB1303A TAI-SAW-TB1303A Datasheet
344Kb / 7P
   IF SAW Filter 867.5MHz SMD 7.0X5.0mm
TB1219A TAI-SAW-TB1219A Datasheet
207Kb / 7P
   IF SAW Filter 173.13MHz SMD 7.0X5.0mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com