Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA110 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA110
Description  Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA110 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA110 Datasheet HTML 1Page - Burr-Brown (TI) INA110 Datasheet HTML 2Page - Burr-Brown (TI) INA110 Datasheet HTML 3Page - Burr-Brown (TI) INA110 Datasheet HTML 4Page - Burr-Brown (TI) INA110 Datasheet HTML 5Page - Burr-Brown (TI) INA110 Datasheet HTML 6Page - Burr-Brown (TI) INA110 Datasheet HTML 7Page - Burr-Brown (TI) INA110 Datasheet HTML 8Page - Burr-Brown (TI) INA110 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
INA110
Fast-Settling FET-Input
INSTRUMENTATION AMPLIFIER
APPLICATIONS
q MULTIPLEXED INPUT DATA
ACQUISITION SYSTEM
q FAST DIFFERENTIAL PULSE AMPLIFIER
q HIGH SPEED GAIN BLOCK
q AMPLIFICATION OF HIGH IMPEDANCE
SOURCES
DESCRIPTION
The INA110 is a versatile monolithic FET-input
instrumentation amplifier. Its current-feedback circuit
topology and laser trimmed input stage provide
excellent dynamic performance and accuracy. The
INA110 settles in 4
µs to 0.01%, making it ideal for
high speed or multiplexed-input data acquisition
systems.
Internal gain-set resistors are provided for gains of 1,
10, 100, 200, and 500V/V. Inputs are protected for
differential and common-mode voltages up to
±V
CC.
Its very high input impedance and low input bias
current make the INA110 ideal for applications
requiring input filters or input protection circuitry.
The INA110 is available in 16-pin plastic and ceramic
DIPs, and in the SOL-16 surface-mount package.
Military, industrial and commercial temperature range
grades are available.
A
1
1
404
4.44k
201
80.2
A
2
20k
10k
10k
20k
A
3
10k
10k
13
12
16
11
3
2
4
5
8
7
14
15
9
6
10
–In
X 10
X 100
X 200
X 500
R
G
+In
(1)
Output
Ref
Sense
+V
CC
–V
CC
Input
Offset
Adjust
Output
Offset
Adjust
FET
Input
FET
Input
INA110
NOTE: (1) Connect to R
G for desired gain.
International Airport Industrial Park
Mailing Address: PO Box 11400
Tucson, AZ 85734
Street Address: 6730 S. Tucson Blvd.
Tucson, AZ 85706
Tel: (520) 746-1111
Twx: 910-952-1111
Cable: BBRCORP
Telex: 066-6491
FAX: (520) 889-1510
Immediate Product Info: (800) 548-6132
®
FEATURES
q LOW BIAS CURRENT: 50pA max
q FAST SETTLING: 4
µs to 0.01%
q HIGH CMR: 106dB min; 90dB at 10kHz
q INTERNAL GAINS: 1, 10, 100, 200, 500
q VERY LOW GAIN DRIFT: 10 to 50ppm/
°C
q LOW OFFSET DRIFT: 2
µV/°C
q LOW COST
q PINOUT SIMILAR TO AD524 AND AD624
©1986 Burr-Brown Corporation
PDS-645E
Printed in U.S.A. September, 1993


Similar Part No. - INA110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110AG TI1-INA110AG Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110KP TI1-INA110KP Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110KPG4 TI1-INA110KPG4 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA110KU TI1-INA110KU Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1122 LINER-LT1122_15 Datasheet
272Kb / 14P
   Fast Settling, JFET Input Operational Amplifier
logo
National Semiconductor ...
LF400A NSC-LF400A Datasheet
218Kb / 12P
   Fast-Settling JFET-Input Operational Amplifier
logo
Linear Technology
LT1122 LINER-LT1122 Datasheet
249Kb / 8P
   Fast Settling, JFET Input Operational Amplifier
logo
Analog Devices
AD3554 AD-AD3554 Datasheet
398Kb / 6P
   FAST-SETTLING, WIDEBAND, FET-INPUT OP AMP
logo
Burr-Brown (TI)
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
INA111 BURR-BROWN-INA111_07 Datasheet
241Kb / 14P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
National Semiconductor ...
LF401 NSC-LF401 Datasheet
360Kb / 9P
   PRECISION FAST SETTLING JFET INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com