Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0466A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0466A
Description  IF SAW Filter 72.96 MHz (SMD 13.3mmX6.5mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0466A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0466A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0466A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0466A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0466A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0466A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0466A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0466A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 3 -
TST DCC
Release document
C. Test Fixture :
D. Frequency Characteristics :
1. S21 Response
Fig. 1 S21 Response Horizontal: 5MHz; Vertical: 10dB/Div


Similar Part No. - TB0466A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0466A GOLLEDGE-TB0466A Datasheet
61Kb / 5P
   SAW Filter 72.96MHz
More results

Similar Description - TB0466A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0438A TAI-SAW-TB0438A Datasheet
212Kb / 6P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0390B TAI-SAW-TB0390B Datasheet
398Kb / 7P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0390A TAI-SAW-TB0390A Datasheet
263Kb / 6P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0467B TAI-SAW-TB0467B Datasheet
210Kb / 8P
   IF SAW Filter 125 MHz SMD 13.3mmX6.5mm
TB0800A TAI-SAW-TB0800A Datasheet
527Kb / 8P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB1065A TAI-SAW-TB1065A Datasheet
457Kb / 7P
   IF SAW Filter 63.3 MHz SMD 13.3mmX6.5mm
TB0386A TAI-SAW-TB0386A Datasheet
216Kb / 7P
   IF SAW Filter 35.46 MHz (SMD 13.3mmX6.5mm)
TB0309A TAI-SAW-TB0309A Datasheet
439Kb / 6P
   IF SAW Filter 240 MHz (SMD 13.3mmX6.5mm)
TB0439A TAI-SAW-TB0439A Datasheet
212Kb / 6P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0403A TAI-SAW-TB0403A Datasheet
435Kb / 6P
   IF SAW Filter 145 MHz (SMD 13.3mmX6.5mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com