Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA104BM Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA104BM
Description  Very-High Accuracy INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA104BM Datasheet(HTML) 5 Page - Burr-Brown (TI)

  INA104BM Datasheet HTML 1Page - Burr-Brown (TI) INA104BM Datasheet HTML 2Page - Burr-Brown (TI) INA104BM Datasheet HTML 3Page - Burr-Brown (TI) INA104BM Datasheet HTML 4Page - Burr-Brown (TI) INA104BM Datasheet HTML 5Page - Burr-Brown (TI) INA104BM Datasheet HTML 6Page - Burr-Brown (TI) INA104BM Datasheet HTML 7Page - Burr-Brown (TI) INA104BM Datasheet HTML 8Page - Burr-Brown (TI) INA104BM Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
INA104
TYPICAL PERFORMANCE CURVES
At T
A = +25°C, VCC = 15V, and in circuit of Figure 1, unless otherwise specified.
CMR vs FREQUENCY
Frequency (Hz)
1
120
100
80
60
40
10
100
1k
10k
G = 100, 1000
G = 10
G = 1
Balanced
Source
GAIN vs FREQUENCY
Frequency (Hz)
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 10
G = 1
1% Error
60
40
20
0
CMR vs SOURCE IMBALANCE
Source Resistance Imbalance (k
Ω)
1
120
100
80
60
40
10
100
G = 10
G = 100 - 1000
G = 100 - 1000
G = 1
G = 10
G = 1
60Hz
DC
GAIN NONLINEARITY vs GAIN
Gain (V/V)
1
100
1k
10
0.01
0.003
0.001
0.0003
Max
Typ
TOTAL OFFSET VOLTAGE DRIFTvs GAIN
Gain (V/V)
1
100
1k
10
3200
320
32
3.2
CM
BM,
SM
AM
GAIN ERROR vs FREQUENCY
Frequency (Hz)
10
100%
10%
1%
0.1%
0.01%
100
1k
10k
100k
G = 1000
G = 100
G = 10
G = 1


Similar Part No. - INA104BM

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INA1001AC1 ISAHAYA-INA1001AC1 Datasheet
115Kb / 2P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA101AG BURR-BROWN-INA101AG Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101AG TI1-INA101AG Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA104BM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
   High Accuracy Instrumentation Amplifier
AMP02EPZ AD-AMP02EPZ Datasheet
172Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com