Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA104 Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA104
Description  Very-High Accuracy INSTRUMENTATION AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA104 Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA104 Datasheet HTML 3Page - Burr-Brown (TI) INA104 Datasheet HTML 4Page - Burr-Brown (TI) INA104 Datasheet HTML 5Page - Burr-Brown (TI) INA104 Datasheet HTML 6Page - Burr-Brown (TI) INA104 Datasheet HTML 7Page - Burr-Brown (TI) INA104 Datasheet HTML 8Page - Burr-Brown (TI) INA104 Datasheet HTML 9Page - Burr-Brown (TI) INA104 Datasheet HTML 10Page - Burr-Brown (TI) INA104 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
®
INA104
GENERAL RECOMMENDED HANDLING
PROCEDURES FOR INTEGRATED CIRCUITS
All semiconductor devices are vulnerable, in varying de-
grees, to damage from the discharge of electrostatic energy.
Such damaging can cause performance degradation or fail-
ure, either immediate or latent. As a general practice, we
recommend the following handling procedures to reduce the
risk of electrostatic damage.
1. Remove static-generating materials, such as untested plas-
tics, from all areas that handle microcircuits.
FIGURE 8. Amplification of a Differential Voltage From a Resistance Bridge.
FIGURE 9. Amplification of a Transformer Coupled Analog Signal.
3
6
8
13
15
16
17
18
14
5
1
2
INA104
R
G
E
OUT
+V
CC
–V
CC
E
O = [1 + (40k/RG)] (E2 – E1)
Optional Offset Adjust 100k
Shield
∆E
IN
R
V
R
RR
E
1
E
2
Transducer
or Sensor
Resistance
Bridge
+
–In
+In
3
6
7
10
11
8
13
9
17
18
14
5
1
2
INA104
R
G
E
OUT1
E
OUT2
+V
CC
–V
CC
Shield
E
2
E
1
Transducer or
Analog Signal
Transformer
Noise
(60Hz Hum)
Noise
(60Hz Hum)
–In
+In
(1)
NOTE: (1) Guard drive could be used
to improve circuit AC CMR. See Figure 5.
2. Ground all operators, equipment, and work stations.
3. Transport and ship microcircuits, or products incorporat-
ing microcircuits, in static-free, shielded containers.
4. Connect together all leads of each device by means of a
conductive material, when the device is not connected
into a circuit.
5. Control relative humidity to as high a value as practical
(50% is recommended).


Similar Part No. - INA104

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
INA1001AC1 ISAHAYA-INA1001AC1 Datasheet
115Kb / 2P
   FOR GENERAL PURPOSE HIGH CURRENT DRIVE APPLICATION SILICON PNP EPITAXIAL TYPE
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA101AG BURR-BROWN-INA101AG Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA101AG TI1-INA101AG Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA104

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
   High Accuracy Instrumentation Amplifier
AMP02EPZ AD-AMP02EPZ Datasheet
172Kb / 12P
   High Accuracy Instrumentation Amplifier
REV. E
logo
Burr-Brown (TI)
INA101 BURR-BROWN-INA101 Datasheet
91Kb / 6P
   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AMP02 AD-AMP02_15 Datasheet
224Kb / 12P
   High Accuracy Instrumentation Amplifier
logo
Texas Instruments
INA101 TI1-INA101 Datasheet
267Kb / 11P
[Old version datasheet]   High Accuracy INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD522 AD-AD522_02 Datasheet
451Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
REV. A
AD522 AD-AD522_17 Datasheet
483Kb / 5P
   High Accuracy Data Acquisition Instrumentation Amplifier
AMP02 AD-AMP02 Datasheet
266Kb / 12P
   High Accuracy 8-Pin Instrumentation Amplifier
REV. D
AD522 AD-AD522 Datasheet
292Kb / 4P
   High Accuracy Data Acquisition Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com