Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP102JP Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSP102JP
Description  DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSP102JP Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DSP102JP Datasheet HTML 2Page - Burr-Brown (TI) DSP102JP Datasheet HTML 3Page - Burr-Brown (TI) DSP102JP Datasheet HTML 4Page - Burr-Brown (TI) DSP102JP Datasheet HTML 5Page - Burr-Brown (TI) DSP102JP Datasheet HTML 6Page - Burr-Brown (TI) DSP102JP Datasheet HTML 7Page - Burr-Brown (TI) DSP102JP Datasheet HTML 8Page - Burr-Brown (TI) DSP102JP Datasheet HTML 9Page - Burr-Brown (TI) DSP102JP Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
®
DSP101/102
6
DSP102 PIN ASSIGNMENTS
PIN #
NAME
DESCRIPTION
1
VPOTA
Channel A Trim Reference Out. 10
µF Tantalum to
AGND. Voltage on this pin is approximately 2.75V.
2
VINA
Channel A Analog In.
3
MSBA
Channel A MSB Adjust In.
4
VOSA
Channel A VOS Adjust In.
5VA
–5V Analog Power.
6VA+
+5V Analog Power.
7
DGND
Digital Ground.
8
DGND
Digital Ground.
9VD
+5V Digital Power.
10
CLKIN
Conversion Clock In.
11
CLKOUT
Conversion Clock Out. Can drive multiple DSP101/
DSP102s to synchronize conversion.
12
SSF
Select Synch Format In. If HIGH, SYNC will be
active High. If LOW, SYNC will be active Low. See
timing diagram (Figure 1).
13
OSC1
Oscillator Point 1 Input / External Clock In. If using
external clock, drive with 74HC logic levels.
Connect to DGND if not used.
14
OSC2
Oscillator Point 2 Output. Provides drive for crystal
oscillator. Make no electrical connection if using
external clock.
15
SYNC
Data Synchronization Out. Active High when SSF
is HIGH; active Low when SSF is LOW.
16
XCLK
Data Transfer Clock In.
17
SOUTB
Channel B Serial Data Out. MSB first, Binary
Two’s Complement format.
18
TAGA
Channel A User Tag In. Data clocked into this pin
is appended to the conversion results of SOUTA.
See timing diagram (Figure 1).
19
TAGB
Channel B User Tag In. Data clocked into this pin
is appended to the conversion results of SOUTB.
See timing diagram (Figure 1).
20
SOUTA
Channel A Serial Data Out. MSB first, Binary
Two’s Complement format. If CASC is HIGH, 32
bits of data output, with first 16 bits being Channel
A data.
21
CONV
Convert Command In. Falling edge puts converter
into hold state, initiates conversion, and transmits
previous conversion results to DSP IC with
appropriate SYNC pulse.
22
CASC
Select Cascade Mode In. If HIGH, DSP102
transmits a 32-bit word on SOUTA, with the first 16
bits being data on Channel A. If LOW, DSP102
transmits data for both channels simultaneously.
23
VOSB
Channel B VOS Adjust In.
24
MSBB
Channel B MSB Adjust In.
25
VINB
Channel B Analog In.
26
VPOTB
Channel B Trim Reference Out. 10
µF Tantalum to
AGND. Voltage on this pin is approximately 2.75V.
27
REF
Reference Bypass. 0.1
µF Ceramic to AGND.
Voltage on this pin is approximately 3.8V.
28
AGND
Analog Ground.
DSP102 PIN CONFIGURATION
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
Top View
DIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPOTA
VINA
MSBA
VOSA
V
A
V
A+
DGND
DGND
V
D
CLKIN
CLKOUT
SSF
OSC1
OSC2
AGND
REF
VPOTB
VINB
MSBB
VOSB
CASC
CONV
SOUTA
TAGB
TAGA
SOUTB
XCLK
SYNC
DSP102
ORDERING INFORMATION
NUMBER
SIGNAL-TO-
OF
(NOISE + DIST.) RATIO
MODEL
CHANNELS
dB min
DSP101JP
1
83
DSP101KP
1
86
DSP102JP
2
83
DSP102KP
2
86
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
DSP101JP
28-Pin Plastic DIP
215
DSP101KP
28-Pin Plastic DIP
215
DSP102JP
28-Pin Plastic DIP
215
DSP102KP
28-Pin Plastic DIP
215
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book.


Similar Part No. - DSP102JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP102JP BURR-BROWN-DSP102JP Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP102JP-1 BURR-BROWN-DSP102JP-1 Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - DSP102JP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSP101 BURR-BROWN-DSP101_05 Datasheet
507Kb / 25P
   DSP-Compatible Sampling Single/Dual ANALOG-TO-DIGITAL CONVERTERS
DSP201 BURR-BROWN-DSP201 Datasheet
106Kb / 19P
   DSP-Compatible Single/Dual DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
ADS8353 TI1-ADS8353 Datasheet
2Mb / 71P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
ADS8354 TI1-ADS8354 Datasheet
2Mb / 69P
[Old version datasheet]   Simultaneous-Sampling, Analog-to-Digital Converters
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS774H TI1-ADS774H Datasheet
609Kb / 23P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
ADS574 TI1-ADS574_14 Datasheet
323Kb / 17P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS574 BURR-BROWN-ADS574 Datasheet
413Kb / 13P
   Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS774 TI1-ADS774 Datasheet
750Kb / 21P
[Old version datasheet]   Microprocessor-Compatible Sampling CMOS ANALOG-to-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com