Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCV010505DP-U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCV010505DP-U
Description  Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCV010505DP-U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DCV010505DP-U Datasheet HTML 1Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 2Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 3Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 4Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 5Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 6Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 7Page - Burr-Brown (TI) DCV010505DP-U Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
®
DCV01
Basic Model Number: 1W Product
Voltage Input:
5V In
Voltage Output:
5V Out
Dual Output:
Package Code:
P = PDIP-14
P-U = PDIP-14 Gull-Wing
05
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Input Voltage:
5V Input Models .................................................................................. 7V
15V Input Models .............................................................................. 18V
24V Input Models .............................................................................. 29V
Storage Temperature ...................................................... –60
°C to +125°C
Lead Temperature (soldering, 10s) ................................................. 270
°C
ABSOLUTE MAXIMUM RATINGS
ORDERING INFORMATION
05
()
(D )
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
Single
DCV010505P
DIP-14
010-1
–40
°C to +85°C
DCV010505P
DCV010505P
Rails
DCV010505P-U
Gull-Wing-14
010-2
–40
°C to +85°C
DCV010505P-U
DCV010505P-U/700
Tape and Reel
DCV010512P
DIP-14
010-1
–40
°C to +85°C
DCV010512P
DCV010512P
Rails
DCV010512P-U
Gull-Wing-14
010-2
–40
°C to +85°C
DCV010512P-U
DCV010512P-U/700
Tape and Reel
DCV010515P
DIP-14
010-1
–40
°C to +85°C
DCV010515P
DCV010515P
Rails
DCV010515P-U
Gull-Wing-14
010-2
–40
°C to +85°C
DCV010515P-U
DCV010515P-U/700
Tape and Reel
DCV012405P(2)
DIP-14
010-1
–40
°C to +85°C
DCV012405P
DCV012405P
Tape and Reel
DCV012405P-U(2)
Gull-Wing-14
010-2
–40
°C to +85°C
DCV012405P-U
DCV012405P-U/700
Rails
Dual
DCV010505DP
DIP-14
010-1
–40
°C to +85°C
DCV010505DP
DCV010505DP
Rails
DCV010505DP-U
Gull-Wing-14
010-2
–40
°C to +85°C
DCV010505DP-U
DCV010505DP-U/700
Tape and Reel
DCV010512DP
DIP-14
010-1
–40
°C to +85°C
DCV010512DP
DCV010512DP
Rails
DCV010512DP-U
Gull-Wing-14
010-2
–40
°C to +85°C
DCV010512DP-U
DCV010512DP-U/700
Tape and Reel
DCV010515DP
DIP-14
010-1
–40
°C to +85°C
DCV010515DP
DCV010515DP
Rails
DCV010515DP-U
Gull-Wing-14
010-2
–40
°C to +85°C
DCV010515DP-U
DCV010515DP-U/700
Tape and Reel
DCV011512DP(2)
DIP-14
010-1
–40
°C to +85°C
DCV011512DP
DCV011512DP
Rails
DCV011512DP-U(2)
DIP-14
010-2
–40
°C to +85°C
DCV011512DP-U
DCV011512DP-U/700
Tape and Reel
DCV011515DP(2)
Gull-Wing-14
010-1
–40
°C to +85°C
DCV011515DP
DCV011515DP
Rails
DCV011515DP-U(2)
DIP-14
010-2
–40
°C to +85°C
DCV011515DP-U
DCV011515DP-U/700
Tape and Reel
DCV012415DP(2)
Gull-Wing-14
010-1
–40
°C to +85°C
DCV012415DP
DCV012415DP
Rails
DCV012415DP-U(2)
DIP-14
010-2
–40
°C to +85°C
DCV012415DP-U
DCV012415DP-U/700
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /700 indicates 700 devices per reel). Ordering 700 pieces
of “DCP010505BP-U/700” will get a single 700-piece Tape and Reel. (2) Scheduled availability Q3, 2000.
PACKAGE/ORDERING INFORMATION
DCV01


Similar Part No. - DCV010505DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010505DP-U BURR-BROWN-DCV010505DP-U Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505DP-U/700 BURR-BROWN-DCV010505DP-U/700 Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCV010505DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com