Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1700E Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DSD1700E
Description  Direct Stream Digital??DSD??TM Audio DIGITAL-TO-ANALOG CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSD1700E Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DSD1700E Datasheet HTML 1Page - Burr-Brown (TI) DSD1700E Datasheet HTML 2Page - Burr-Brown (TI) DSD1700E Datasheet HTML 3Page - Burr-Brown (TI) DSD1700E Datasheet HTML 4Page - Burr-Brown (TI) DSD1700E Datasheet HTML 5Page - Burr-Brown (TI) DSD1700E Datasheet HTML 6Page - Burr-Brown (TI) DSD1700E Datasheet HTML 7Page - Burr-Brown (TI) DSD1700E Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
®
DSD1700
GENERAL INFORMATION
The DSD1700 is designed solely for use in DSD and SACD
applications. It is not compatible with standard CD audio
transports, or DVD/MPEG-2 decoders. Burr-Brown manu-
facturers a wide array of products for these applications.
Please refer to our audio brochure and product data sheets,
available from our web site (www.burr-brown.com) and
local sales offices.
FUNCTIONAL DESCRIPTION
The concept of Direct Stream Digital (DSD) conversion is
simple. An analog audio input is digitized by a 1-bit, 64x
oversampled delta-sigma modulator. The 1-bit data stream is
then stored and may be transferred to a SACD disc at a later
time. For playback, the 1-bit, 64x oversampled data is then
presented to the DSD1700 directly by a DSD decoder IC.
The DSD1700 then low-pass filters the oversampled data to
reconstruct the original analog audio waveform. The record-
ing and playback functions are illustrated in Figures 1 and 2
respectively.
To perform the digital-to-analog conversion, the DSD1700
includes both the decoder interface logic and an analog FIR
filter. The following paragraphs provide a summary of these
functions.
FIGURE 1. DSD Recording.
FIGURE 2. DSD Playback.
DECODER INTERFACE
The decoder interface consists of several CMOS logic in-
puts. The system clock input, SCK (pin 28), operates at
11.2896MHz (256 • 44.1kHz). The data bit clock, DCK
(pin 27), operates at 2.8244 MHz (64 • 44.1kHz) and is the
64x oversampled data clock. The 1-bit, 64x oversampled
data stream is input at DATA (pin 26). DATA and DCK are
synchronized to the SCK falling edge.
The DSD1700 generates HOT and COLD data internally for
use with the double differential analog FIR filter. The
PHASE input (pin 4) is used to determine the polarity of the
HOT and COLD data (normal or inverted). The PHASE
input is synchronized to the rising edge of SCK.
The RST input (pin 3) is used for system reset purposes.
RST should be High for normal operation, and Low for reset
operation. When RST is held Low, the current outputs of the
analog FIR filter are set to the bipolar zero (BPZ) level. The
RST signal is synchronized to the rising edge of SCK.
TIMING
Figures 3 though 6 show the timing diagrams for the
DSD1700 interface signals. Figure 3 shows the system clock
(SCK) timing requirements. Figure 4 shows the general
timing for the data input. Figures 5 and 6 show the detailed
timing for the DSD data and control data inputs.
LOGIC
DSD
Input
(64f
S, 1-Bit)
Analog
Output
Low-Pass
Filter
Interface
Logic
FIGURE 3. System Clock Timing.
FIGURE 4. Input Signal Timing.
t
SCKH
t
SCKL
1/256 f
S
V
IH
V
IL
High
Low
System Clock
V
IH = 0.7VDD
V
IL = 0.3VDD
Q
Analog
Input
DSD
Output
(64f
S, 1-Bit)
Loop Filter
(Noise Shaping
and Integration)
1-Bit
Quantizer
+
DATA
SCK (256f
S)
DCK (64f
S)
RST
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tSCKH
System Clock Pulse Width High
10
ns
tSCKL
System Clock Pulse Width Low
10
ns


Similar Part No. - DSD1700E

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DSD1702 BURR-BROWN-DSD1702 Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
DSD1702E BURR-BROWN-DSD1702E Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
DSD1702E/2K BURR-BROWN-DSD1702E/2K Datasheet
417Kb / 28P
   ENHANCED MULTIFORMAT, DELTA-SIGMA, AUDIO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DSD1700E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1789 TI1-PCM1789 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1753-Q1 TI1-PCM1753-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1780 TI1-PCM1780_15 Datasheet
724Kb / 35P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1748 TI1-PCM1748_15 Datasheet
974Kb / 38P
[Old version datasheet]   Audio Digital-to-Analog Converter
PCM1795 TI1-PCM1795 Datasheet
1Mb / 63P
[Old version datasheet]   Stereo Audio Digital-to-Analog Converter
PCM1793 TI1-PCM1793_08 Datasheet
454Kb / 29P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1710U BURR-BROWN-PCM1710U Datasheet
192Kb / 17P
   Stereo Audio DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
PCM1794A TI1-PCM1794A Datasheet
995Kb / 34P
[Old version datasheet]   Audio Stereo Digital-to-Analog Converter
PCM1738 TI1-PCM1738_15 Datasheet
709Kb / 47P
[Old version datasheet]   Audio-Stereo Digital-to-Analog Converter
PCM1791A TI1-PCM1791A_09 Datasheet
694Kb / 61P
[Old version datasheet]   AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com