Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTLX1472M3BNL Datasheet(PDF) 11 Page - Finisar Corporation.

Part # FTLX1472M3BNL
Description  10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTLX1472M3BNL Datasheet(HTML) 11 Page - Finisar Corporation.

Back Button FTLX1472M3BNL Datasheet HTML 3Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 4Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 5Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 6Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 7Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 8Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 9Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 10Page - Finisar Corporation. FTLX1472M3BNL Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
FTLX1472M3BNL Multi-rate 10G SFP+ Product Specifications
 Finisar Corporation - January 2013
Rev. B1
Page 11
XIV.
References
1. “Specifications for Enhanced 8.5 and 10 Gigabit Small Form Factor Pluggable
Module ‘SFP+ ‘”, SFF Document Number SFF-8431, Revision 4.1, including SFF-
8431 Rev 4.1 Addendum. September 15, 2013.
2.
“Improved Pluggable Form factor”, SFF Document Number SFF-8432, Revision 4.2,
April 18, 2007.
3. ITU-T G.693, VSR2000-2R1 Optical interface parameters specified for SONET/SDH
applications with 2km target distance
4. IEEE 802.3ae, Clause 52, PMD Type 10GBASE-LR. IEEE Standards Department.
5. American National Standard for Information Technology - Fibre Channel - 10
Gigabit Fibre Channel, Rev 3.5, April 9, 2003.
6. “Digital Diagnostics Monitoring Interface for Optical Transceivers”. SFF Document
Number SFF-8472, Revision 10.1, March 1, 2007.
7. Directive 2011/65/EU of the European Council Parliament and of the Council, “on
the restriction of the use of certain hazardous substances in electrical and electronic
equipment”, 08-June 2011, which supersedes the previous ROHS Directive
2002/95/EC.
8.
“Application Note AN-2038: Finisar Implementation Of RoHS Compliant
Transceivers”, Finisar Corporation, January 21, 2005.
9.
ITU-T G.8251, The control of jitter and wander within the optical transport network
(OTN)
10. Fibre Channel, Physical Interface-5, (FC-PI-5), REV 6.00, September 21, 2010
XV.
Revision History
Revision
Date
Description
B1
1/7/2014
Production Release
XVI.
For More Information
Finisar Corporation
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
sales@finisar.com
www.finisar.com


Similar Part No. - FTLX1472M3BNL

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
FTLX1472M3BNL-C ATGBICS-FTLX1472M3BNL-C Datasheet
569Kb / 10P
   FTLX1472M3BNL Finisar Compatible Transceiver SFP 10GBase-LR (1310nm, SMF, 10km, DOM, Ext Temp, Ext Temp)
More results

Similar Description - FTLX1472M3BNL

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLX1472M3BTL FINISAR-FTLX1472M3BTL Datasheet
787Kb / 11P
   10Gb/s Multi-Rate, 10km Single Mode SFP Transceiver
FTLX1472M3BCL FINISAR-FTLX1472M3BCL Datasheet
648Kb / 11P
   10Gb/s, 2/10km Single Mode, Multi-Rate SFP Transceiver
FTLX1871D3BNL FINISAR-FTLX1871D3BNL Datasheet
702Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BTL FINISAR-FTLX1672M3BTL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BNL FINISAR-FTLX1871M3BNL Datasheet
706Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1871M3BCL FINISAR-FTLX1871M3BCL Datasheet
341Kb / 12P
   10Gb/s, 80km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BCL FINISAR-FTLX1672D3BCL Datasheet
433Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BTL FINISAR-FTLX1672D3BTL Datasheet
427Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672D3BNL FINISAR-FTLX1672D3BNL Datasheet
418Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
FTLX1672M3BCL FINISAR-FTLX1672M3BCL Datasheet
732Kb / 12P
   10Gb/s, 40km Single Mode, Multi-Rate SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com