Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010512DBP-U Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCP010512DBP-U
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP010512DBP-U Datasheet(HTML) 1 Page - Burr-Brown (TI)

  DCP010512DBP-U Datasheet HTML 1Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 2Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 3Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 4Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 5Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 6Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 7Page - Burr-Brown (TI) DCP010512DBP-U Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SBVS012B − DECEMBER 2000 − REVISED OCTOBER 2004
Miniature, 1W Isolated
UNREGULATED DC/DC CONVERTERS
DCP01B SERIES
FEATURES
D Up To 85% Efficiency
D Thermal Protection
D Device-to-Device Synchronization
D Short-Circuit Protection
D EN55022 Class B EMC Performance
D UL1950 Recognized Component
D JEDEC DIP-14 and SOP-14 Packages
APPLICATIONS
D Point-of-Use Power Conversion
D Ground Loop Elimination
D Data Acquisition
D Industrial Control and Instrumentation
D Test Equipment
DESCRIPTION
The DCP01B series is a family of 1W, unregulated,
isolated DC/DC converters. Requiring a minimum of
external components and including on-chip device
protection, the DCP01B series provides extra features
such as output disable and synchronization of switching
frequencies.
The use of a highly-integrated package design results in
highly reliable products with a power density of 40W/in3
(2.4W/cm3). This combination of features and small sizes
makes the DCP01B suitable for a wide range of
applications.
I
BIAS
Power
Stage
V
OUT
÷ 2
Reset
800kHz
Oscillator
W atch−dog/
start−up
PSU
T herm al
Shutdown
SYNC
OUT
SYNC
IN
V
S
0V
Power Controller IC
0V
www.ti.com
Copyright
 2000−2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - DCP010512DBP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010512DBP-U BURR-BROWN-DCP010512DBP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010512DBP-U TI-DCP010512DBP-U Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512DBP-U TI1-DCP010512DBP-U Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512DBP-U TI1-DCP010512DBP-U Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
DCP010512DBP-U TI1-DCP010512DBP-U Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010512DBP-U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com