Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010505DP-U Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP010505DP-U
Description  Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP010505DP-U Datasheet(HTML) 3 Page - Burr-Brown (TI)

  DCP010505DP-U Datasheet HTML 1Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 2Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 3Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 4Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 5Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 6Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 7Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 8Page - Burr-Brown (TI) DCP010505DP-U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
®
DCP0105
GENERAL (Cont)
Efficiency
DCP010505
100% Full Load
71
%
10% Full Load
40
%
DCP010505D
100% Full Load
66
%
10% Full Load
47
%
DCP010512
100% Full Load
72
%
10% Full Load
38
%
DCP010512D
100% Full Load
72
%
10% Full Load
36
%
DCP010515
100% Full Load
73
%
10% Full Load
40
%
DCP010515D
100% Full Load
75
%
10% Full Load
38
%
MTTF(3)
TA = +85°C
158,000
hrs
TA = +55°C
3,050,000
hrs
TA = +25°C
108,000,000
hrs
Weight
14-Pin PDIP
1.08
g
THERMAL SHUTDOWN
Internal Controller IC Temperature
115
140
°C
Shutdown Current
3mA
TEMPERATURE RANGE
Operating
–40
+100
°C
NOTES: (1) 100% load current = 1W/VNOM typical. (2) Rated working voltage = 130Vr ms (IEC950 Convention). (3) Life test data.
SPECIFICATIONS (CONT)
At TA = +25°C, VS = +5V, unless otherwise specified.
DCP0105 SERIES
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
EMC SPECIFICATIONS
Specifications and Related Documents
The DCP010505 was tested to and complied with the limits of the following EMC specifications:
prEN55022 (1992)
Conducted RF emission, telecomm lines.
EN55022 (1995)
Limits and methods of measurement of radio interference characteristics of information technology equipment.
ENV50140 (1993)
Electromagnetic compatibility. Basic immunity standard. Radiated RF immunity.
ENV50141 (1993)
Electromagnetic compatibility. Basic immunity standard. Conducted RF immunity.
EN61000-4-2 (1995)
Electromagnetic compatibility, Part 4. Testing and measurement techniques, Section 2. Electrostatic
discharge.
EN61000-4-4 (1995)
Electromagnetic compatibility, Part 4. Testing and measurement techniques, Section 4. Electrical fast
transient bursts.
EN61000-4-8 (1994)
Electromagnetic compatibility, Part 4. Testing and measurement techniques, Section 8. Power frequency
magnetic field immunity.
List of Tests
The following is a list of tests which were required for compliance with the above specifications:
Conducted Emission Test
150kHz to 30MHz, power and output lines, Class B limits applying. DC/DC loads of
0%, 8%, and 120% applying.
Radiated Emission Test
30MHz to 1000MHz, Class B limits applying. DC/DC loads of 0%, 8%, and 120%
applying.
Radiated Immunity Test, Electric Field
80MHz to 1000MHz, 10V/m, 1kHz 80% AM.
Radiated Immunity Test, Electric Field
900MHz, 10V/m, 200Hz 100% PM.
Electrostatic Discharge Test
4kV, HCP/VCP indirect discharge only.
Electrical Fast Transient Tests
2kV power lines, 2kV signal lines.
Conducted RF Immunity Tests
150kHz to 80MHz, power and output lines, 10Vrms, 1kHz 80% AM.
Radiated Immunity Test, Magnetic Field
50Hz, 30A/m


Similar Part No. - DCP010505DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010505DP BURR-BROWN-DCP010505DP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP010505DP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com