Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL4C1QM1C Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FTL4C1QM1C
Description  10km Multirate QSFP Optical Transceiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QM1C Datasheet(HTML) 1 Page - Finisar Corporation.

  FTL4C1QM1C Datasheet HTML 1Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 2Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 3Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 4Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 5Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 6Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 7Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
F i n i s a r
 Finisar Corporation – 24-Jul-13 Rev B2 Finisar Confidential
Page 1
Product Specification
10km Multirate QSFP+ Optical Transceiver Module
FTL4C1QM1C
9B
PRODUCT FEATURES
 Hot-pluggable QSFP+ form factor
 Supports 39.8 Gb/s to 44.6 Gb/s
aggregate bit rates
 Power dissipation < 3.5W
 RoHS-6 compliant (lead-free)
 Commercial case temperature
range 0°C to 70°C
 Single 3.3V power supply
 Maximum link length of 10km on
Single Mode Fiber (SMF)
 Uncooled 4x10Gb/s CWDM
transmitter
 XLPPI electrical interface
 Duplex LC receptacles
 Built-in digital diagnostic
functions, including Tx/Rx power
monitoring
1
APPLICATIONS
 40GBASE-LR4 40G Ethernet
 OTN OTU3 C4S1-2D1
 OTU3e1 and OTU3e2
Finisar’s FTL4C1QM1C QSFP+ transceiver modules are designed for use in 40 Gigabit
Ethernet links and 4x10G OTN client interfaces over single mode fiber. They are compliant
with the QSFP+ MSA
1,2
, IEEE 802.3ba 40GBASE-LR4
3
and OTU3 C4S1-2D1
requirements specified in ITU-T Recommendation G.695. Digital diagnostics functions are
available via an I2C interface, as specified by the QSFP+ MSA. The transceiver is RoHS
compliant per Directive 2011/65/EU
4 and Finisar Application Note AN-20385.
3B
PRODUCT SELECTION
16B
FTL4C1QM1C
M:
Multirate support
1:
First generation product
C:
Commercial temperature rate


Similar Part No. - FTL4C1QM1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results

Similar Description - FTL4C1QM1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4E1QM1C FINISAR-FTL4E1QM1C Datasheet
512Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
FTL4E1QE1C FINISAR-FTL4E1QE1C Datasheet
505Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
FTL4C2QE1C FINISAR-FTL4C2QE1C Datasheet
555Kb / 8P
   40GE LM4 QSFP Optical Transceiver Module
FTL4P1QE1C FINISAR-FTL4P1QE1C Datasheet
575Kb / 9P
   4x10GBASE-LR QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4S1QE1C FINISAR-FTL4S1QE1C Datasheet
379Kb / 8P
   40GE SWDM4 QSFP Optical Transceiver Module
FTLC1154RDPL FINISAR-FTLC1154RDPL Datasheet
702Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
13-July-2018 Rev. B2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com