Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL4C1QM1C Datasheet(PDF) 8 Page - Finisar Corporation.

Part # FTL4C1QM1C
Description  10km Multirate QSFP Optical Transceiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QM1C Datasheet(HTML) 8 Page - Finisar Corporation.

  FTL4C1QM1C Datasheet HTML 1Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 2Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 3Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 4Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 5Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 6Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 7Page - Finisar Corporation. FTL4C1QM1C Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FTL4C1QM1C Product Specification – July 2013
F i n i s a r
 Finisar Corporation – 24-Jul-13 Rev B2 Finisar Confidential
Page 8
X.
14B
References
1.
INF-8438i – Specification for QSFP (Quad Small Formfactor Pluggable)
Transceiver, Rev 1.0, November 2006.
2.
SFF-8436 – Specification for QSFP+ Copper and Optical Transceiver, Rev 4.7,
February 2013.
3.
IEEE 802.3ba – PMD Type 40GBASE-LR4.
4.
Directive 2011/65/EU of the European Council Parliament and of the Council, “on
the restriction of the use of certain hazardous substances in electrical and electronic
equipment,” June 8, 2011, which supercedes the previous RoHS Directive
2002/95/EC.
5.
“Application Note AN-2038: Finisar Implementation of RoHS Compliant
Transceivers”, Finisar Corporation, January 21, 2005.
6.
“Application Note AN-2104: QSFP+ 40G LR4 Transceiver EEPROM Mapping,”
Rev. A, Finisar Corporation, June, 2013.
XI.
15B
For More Information
Finisar Corporation
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
Tel. 1-408-548-1000
Fax 1-408-541-6138
HU
sales@finisar.com
U
HU
www.finisar.com
U


Similar Part No. - FTL4C1QM1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results

Similar Description - FTL4C1QM1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4E1QM1C FINISAR-FTL4E1QM1C Datasheet
512Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
FTL4E1QE1C FINISAR-FTL4E1QE1C Datasheet
505Kb / 8P
   40km Multirate QSFP Optical Transceiver Module
FTL4C2QE1C FINISAR-FTL4C2QE1C Datasheet
555Kb / 8P
   40GE LM4 QSFP Optical Transceiver Module
FTL4P1QE1C FINISAR-FTL4P1QE1C Datasheet
575Kb / 9P
   4x10GBASE-LR QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1C FINISAR-FTL4C1QE1C Datasheet
461Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4S1QE1C FINISAR-FTL4S1QE1C Datasheet
379Kb / 8P
   40GE SWDM4 QSFP Optical Transceiver Module
FTLC1154RDPL FINISAR-FTLC1154RDPL Datasheet
702Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
13-July-2018 Rev. B2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com