Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010515P Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # DCP010515P
Description  Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP010515P Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button DCP010515P Datasheet HTML 6Page - Burr-Brown (TI) DCP010515P Datasheet HTML 7Page - Burr-Brown (TI) DCP010515P Datasheet HTML 8Page - Burr-Brown (TI) DCP010515P Datasheet HTML 9Page - Burr-Brown (TI) DCP010515P Datasheet HTML 10Page - Burr-Brown (TI) DCP010515P Datasheet HTML 11Page - Burr-Brown (TI) DCP010515P Datasheet HTML 12Page - Burr-Brown (TI) DCP010515P Datasheet HTML 13Page - Burr-Brown (TI) DCP010515P Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
®
DCP0105
10
% of Full Load
0
102030405060708090
100
DCP010512D EFFICIENCY vs LOAD
80
75
70
65
60
55
50
45
40
35
30
100
75
10
50
–V
OUT Load (% of FL)
DCP0101512D LOAD BALANCE (+V
OUT Load = 100%)
15
10
5
0
–5
–10
–15
+V
OUT
–V
OUT
190
100
75
10
50
–V
OUT Load (% of FL)
DCP010512D LOAD BALANCE (+V
OUT Load = 10%)
15
10
5
0
–5
–10
–15
+V
OUT
–V
OUT
4.5
4.75
5
5.25
5.5
Input Voltage (V)
DCP010512D OUTPUT vs INPUT VOLTAGE (75% Load)
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
+V
OUT
–V
OUT
TYPICAL PERFORMANCE CURVES (DCP010512D Specific)
At TA = +25°C, VOUT nominal (VNOM) = ±12V and VS = +5V, unless otherwise noted.
10
0
Load (% FL)
DCP010512D OUTPUT VOLTAGE vs LOAD
50
60
70
80
90
100
20
30
40
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
+V
OUT
–V
OUT
–40
–20
0
20
30
50
70
90
100
110
–30
–10
10
25
40
60
80
95
105
115 120
Temperature (°C)
DCP010512D OUTPUT POWER vs TEMPERATURE
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0


Similar Part No. - DCP010515P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010515 BURR-BROWN-DCP010515 Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010515B BURR-BROWN-DCP010515B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010515B BURR-BROWN-DCP010515B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010515B TI1-DCP010515B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
DCP010515BP BURR-BROWN-DCP010515BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results

Similar Description - DCP010515P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010505BP BURR-BROWN-DCP010505BP Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com