Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTL4C1QE1C Datasheet(PDF) 6 Page - Finisar Corporation.

Part # FTL4C1QE1C
Description  40GBASE-LR4 QSFP Optical Transceiver Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FTL4C1QE1C Datasheet(HTML) 6 Page - Finisar Corporation.

  FTL4C1QE1C Datasheet HTML 1Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 2Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 3Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 4Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 5Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 6Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 7Page - Finisar Corporation. FTL4C1QE1C Datasheet HTML 8Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
FTL4C1QE1C Product Specification – July 2013
F i n i s a r
 Finisar Corporation – 24-Jul-13 Rev B2 Finisar Confidential
Page 6
U
Notes
U
:
1.
Transmitter consists of 4 lasers operating at 10.3Gb/s each.
2.
Minimum value is informative.
3.
RIN is scaled by 10*log(10/4) to maintain SNR outside of transmitter.
4.
Receiver consists of 4 photodetectors operating at 10.3Gb/s each.
5.
Minimum value is informative, equals min TxOMA with infinite ER and max channel insertion loss.
VI.
12B
Memory Map and Control Registers
Compatible with SFF-8436 (QSFP+). Please see Finisar Application Note AN-2104
6.
VII.
13B
Environmental Specifications
Finisar FTL4C1Q transceivers have an operating temperature range from 0°C to +70°C case
temperature.
Environmental Specifications
Symbol
Min
Typ
Max
Units
Ref.
Case Operating Temperature
Top
0
70
°C
Storage Temperature
Tsto
-40
85
°C
VIII.
4B
Regulatory Compliance
Finisar FTL4C1Q transceivers are RoHS-6 Compliant. Copies of certificates are available at
Finisar Corporation upon request.
FTL4C1Q transceiver modules are Class 1 laser eye safety compliant per IEC 60825-1.


Similar Part No. - FTL4C1QE1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
More results

Similar Description - FTL4C1QE1C

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTL4C1QE1L FINISAR-FTL4C1QE1L Datasheet
473Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1L FINISAR-FTL4C1QL1L Datasheet
467Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QE2C FINISAR-FTL4C1QE2C Datasheet
444Kb / 8P
   40GBASE-LR4 QSFP Optical Transceiver Module
FTL4C1QL1C FINISAR-FTL4C1QL1C Datasheet
254Kb / 9P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
FTL4C1QL2C FINISAR-FTL4C1QL2C Datasheet
499Kb / 8P
   40GBASE-LR4 Lite QSFP Optical Transceiver Module
logo
OPLINK Communications I...
S0275-CFP2XL4L2C000E1G OPLINK-S0275-CFP2XL4L2C000E1G Datasheet
261Kb / 1P
   40GBASE-LR4 CFP Transceiver
S0240-CFP1XL4L2C000E1G OPLINK-S0240-CFP1XL4L2C000E1G Datasheet
273Kb / 1P
   40GBASE-LR4 CFP Transceiver
CFPXXL4L2C000O3G OPLINK-CFPXXL4L2C000O3G Datasheet
143Kb / 1P
   Multirate 40GBASE-LR4 CFP Transceiver
logo
Finisar Corporation.
FTLC1151RDPL FINISAR-FTLC1151RDPL Datasheet
632Kb / 7P
   10km 100GBASE-LR4 QSFP28 Optical Transceiver Module
FTLC1122RDNL FINISAR-FTLC1122RDNL Datasheet
435Kb / 9P
   10km 100GBASE-LR4 CFP2 Optical Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com