Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC112UK Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DDC112UK
Description  Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DDC112UK Datasheet(HTML) 2 Page - Burr-Brown (TI)

  DDC112UK Datasheet HTML 1Page - Burr-Brown (TI) DDC112UK Datasheet HTML 2Page - Burr-Brown (TI) DDC112UK Datasheet HTML 3Page - Burr-Brown (TI) DDC112UK Datasheet HTML 4Page - Burr-Brown (TI) DDC112UK Datasheet HTML 5Page - Burr-Brown (TI) DDC112UK Datasheet HTML 6Page - Burr-Brown (TI) DDC112UK Datasheet HTML 7Page - Burr-Brown (TI) DDC112UK Datasheet HTML 8Page - Burr-Brown (TI) DDC112UK Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
®
2
DDC112
SPECIFICATIONS
At TA = +25°C, AVDD = DVDD = +5V, DDC112U: TINT = 500µs, CLK = 10MHz, DDC112UK: TINT = 333.3µs, CLK = 15MHz, VREF = +4.096V, continuous mode
operation, and internal integration capacitors, unless otherwise noted.
NOTES: (1) Input is less than 1% of full scale. (2) CSENSOR is the capacitance seen at the DDC112 inputs from wiring, photodiode, etc. (3) FSR is Full-Scale Range.
(4) A best-fit line is used in measuring linearity. (5) Matching between side A and side B, not input 1 to input 2. (6) Voltage produced by the DDC112 at its input which
is applied to the sensor. (7) Range drift does not include external reference drift. (8) Input reference current decreases with increasing TINT (see text). (9) Data format
is Straight Binary with a small offset (see text). (10) Guaranteed but not tested.
DDC112U
DDC112UK
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUTS
External, Positive Full-Scale
Range 0
CEXT = 250pF
1000
T
pC
Internal, Positive Full-Scale
Range 1
47.5
50
52.5
TT
T
pC
Range 2
95
100
105
TT
T
pC
Range 3
142.5
150
157.5
TT
T
pC
Range 4
190
200
210
TT
T
pC
Range 5
237.5
250
262.5
TT
T
pC
Range 6
285
300
315
TT
T
pC
Range 7
332.5
350
367.5
TT
T
pC
Negative Full-Scale Input
–0.4% of Positive FS
T
pC
DYNAMIC CHARACTERISTICS
Conversion Rate
2
3
kHz
Integration Time, TINT
Continuous Mode
500
1,000,000
333.3
T
µs
Integration Time, TINT
Non-continuous Mode
50
T
µs
System Clock Input (CLK)
1
10
12
TT
15
MHz
Data Clock (DCLK)
12
15
MHz
ACCURACY
Noise, Low Level Current Input(1)
CSENSOR(2) = 0pF, Range 5 (250pC)
3.2
T
ppm of FSR(3), rms
CSENSOR = 25pF, Range 5 (250pC)
3.8
T
ppm of FSR, rms
CSENSOR = 50pF, Range 5 (250pC)
4.2
6.0
T
7
ppm of FSR, rms
Differential Linearity Error
±0.005% Reading ±0.5ppm
FSR, max
T
Integral Linearity Error(4)
±0.005% Reading ±0.5ppm
FSR, typ
T
±0.025% Reading ±1.0ppm
FSR, max
T
No Missing Codes
20
T
Bits
Input Bias Current
TA = +25°C
0.1
10
TT
pA
Range Error
Range 5 (250pC)
5
T
% of FSR
Range Error Match(5)
All Ranges
0.1
0.5
TT
% of FSR
Range Sensitivity to VREF
VREF = 4.096 ±0.1V
1:1
T
Offset Error
Range 5, (250pC)
±200
T
±600
ppm of FSR
Offset Error Match(5)
±100
T
ppm of FSR
DC Bias Voltage(6) (Input VOS)
±0.05
±2
TT
mV
Power Supply Rejection Ratio
±25
±200
TT
ppm of FSR/V
Internal Test Signal
13
T
pC
Internal Test Accuracy
±10
T
%
PERFORMANCE OVER TEMPERATURE
Offset Drift
±0.5
±3(10)
ppm of FSR/
°C
Offset Drift Stability
±0.2
T
±0.7(10) ppm of FSR/minute
DC Bias Voltage Drift
Applied to Sensor Input
3
±1
µV/°C
Input Bias Current Drift
+25
°C to +45°C
0.01
1(10)
TT
pA/
°C
Input Bias Current
TA = +75°C2
50(10)
TT
pA
Range Drift(7)
Range 5 (250pC)
25
0
25
50(10)
ppm/
°C
Range Drift Match(5)
Range 5 (250pC)
±0.05
T
ppm/
°C
REFERENCE
Voltage
4.000
4.096
4.200
TT
T
V
Input Current(8)
TINT = 500µs
150
225
275
µA
DIGITAL INPUT/OUTPUT
Logic Levels
VIH
4.0
DVDD + 0.3
TT
V
VIL
–0.3
+0.8
TT
V
VOH
IOH = –500µA
4.5
T
V
VOL
IOL = 500µA
0.4
T
V
Input Current, IIN
–10
+10
TT
µA
Data Format(9)
Straight Binary
T
POWER SUPPLY REQUIREMENTS
Power Supply Voltage
AVDD and DVDD
4.75
5.25
TT
V
Supply Current
Analog Current
AVDD = +5V
14.8
15.2
mA
Digital Current
DVDD = +5V
1.2
1.8
mA
Total Power Dissipation
80
100
85
130
mW
TEMPERATURE RANGE
Specified Performance
–40
+85
0
+70
°C
Storage
–60
+100
TT
°C


Similar Part No. - DDC112UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112UK TI-DDC112UK Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112UK TI1-DDC112UK Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112UK/1K TI-DDC112UK/1K Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112UK/1K TI1-DDC112UK/1K Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112UKG4 TI1-DDC112UKG4 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - DDC112UK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112 TI1-DDC112_15 Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC112Y TI-DDC112Y Datasheet
1Mb / 34P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
logo
Texas Instruments
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC114 TI1-DDC114_14 Datasheet
1Mb / 37P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
DDC118 TI1-DDC118_16 Datasheet
1Mb / 36P
[Old version datasheet]   Octal Current Input, 20-Bit Analog-To-Digital Converter
logo
Burr-Brown (TI)
DDC114 BURR-BROWN-DDC114 Datasheet
389Kb / 30P
   Quad Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com