Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0395A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0395A
Description  IF SAW Filter 64.8 MHz (SMD 13.3mmX6.5mm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0395A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0395A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0395A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0395A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0395A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0395A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0395A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB0395A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
IF SAW Filter 64.8 MHz SMD 13.3mmX6.5mm
MODEL NO.: TB0395A
Rev. No. 2
A. MAXIMUM RATING:
1.Operating Temperature: -30
°C ~ +60 °C
2.Storage Temperature: -40
°C ~ +85 °C
3Input Power Level: 10dBm
B. Characteristics :
1. Ambient Temperature: 25
°
Value
Characteristics
Min.
Max.
Note.
Center frequency
FC
MHz
-
64.8
-
-
Maximum Insertion loss I.L.
dB
-
8.41
13.0
-
1dB Bandwidth
MHz
8.40
9.27
-
-
3dB Bandwidth
MHz
9.00
10.25
-
-
35dB Bandwidth
MHz
-
13.08
14.00
-
Passband Ripple (Fc±4.2MHz)
MHz
-
0.66
1.00
-
Group Delay Ripple (Fc±4.2MHz)
nS
-
120
-
-
Group Delay at Fc
uS
-
0.90
1.00
-
Phase linearity at any 200kHz B
P-P Deg
-
2.0
5.0
-
Temp Coefficient
ppm/° C
-
-94
-
-
Attenuation:( Reference level from minimum insertion loss)
1)
10 ~ 57 MHz
dB
30
36
-
-
2)
57.6 MHz
dB
35
40
-
-
2)
73 ~ 90 MHz
dB
30
34
-
-
2)
90 ~ 100 MHz
dB
40
49
-
-
2)
100 ~ 140 MHz
dB
40
49
-
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TB0395A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0395A GOLLEDGE-TB0395A Datasheet
80Kb / 5P
   SAW Filter 64.80MHz
More results

Similar Description - TB0395A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0438A TAI-SAW-TB0438A Datasheet
212Kb / 6P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0390B TAI-SAW-TB0390B Datasheet
398Kb / 7P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0390A TAI-SAW-TB0390A Datasheet
263Kb / 6P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB0467B TAI-SAW-TB0467B Datasheet
210Kb / 8P
   IF SAW Filter 125 MHz SMD 13.3mmX6.5mm
TB0800A TAI-SAW-TB0800A Datasheet
527Kb / 8P
   IF SAW Filter 140 MHz SMD 13.3mmX6.5mm
TB1065A TAI-SAW-TB1065A Datasheet
457Kb / 7P
   IF SAW Filter 63.3 MHz SMD 13.3mmX6.5mm
TB0386A TAI-SAW-TB0386A Datasheet
216Kb / 7P
   IF SAW Filter 35.46 MHz (SMD 13.3mmX6.5mm)
TB0309A TAI-SAW-TB0309A Datasheet
439Kb / 6P
   IF SAW Filter 240 MHz (SMD 13.3mmX6.5mm)
TB0439A TAI-SAW-TB0439A Datasheet
212Kb / 6P
   IF SAW Filter 140 MHz (SMD 13.3mmX6.5mm)
TB0466A TAI-SAW-TB0466A Datasheet
290Kb / 7P
   IF SAW Filter 72.96 MHz (SMD 13.3mmX6.5mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com