Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC101U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DDC101U
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DDC101U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DDC101U Datasheet HTML 1Page - Burr-Brown (TI) DDC101U Datasheet HTML 2Page - Burr-Brown (TI) DDC101U Datasheet HTML 3Page - Burr-Brown (TI) DDC101U Datasheet HTML 4Page - Burr-Brown (TI) DDC101U Datasheet HTML 5Page - Burr-Brown (TI) DDC101U Datasheet HTML 6Page - Burr-Brown (TI) DDC101U Datasheet HTML 7Page - Burr-Brown (TI) DDC101U Datasheet HTML 8Page - Burr-Brown (TI) DDC101U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
5
DDC101
®
SPECIFICATIONS (CONT)
ELECTRICAL
All specifications with unipolar current input range, T
INT = 1ms, correlated double sampling enabled, System Clock = 2MHz, VREF = –2.5V, TA = +25°C and VS = ±5VDC,
unless otherwise noted.
DDC101
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLY REQUIREMENTS
Operation(5)
±4.75
±5
±5.25
VDC
Quiescent Current, Positive Supply
V
S+ = +5VDC, VDD+ = +5VDC
15.6
19.5
mA
Analog, V
S+
8.9
mA
Digital, V
DD+
6.7
mA
Quiescent Current, Negative Supply
V
S
– = –5VDC
18.0
22.5
mA
Operating Power
170
mW
TEMPERATURE RANGE
Operating
–40
+85
°C
Storage
–60
+100
°C
NOTES: (1) Input = low level (less than 1% of Full Scale); Full Scale I
IN = 500nA; TINT = 1ms; Unipolar Input Range; Acquisition Time = 16 clock cycles, Oversampling = 128. (2) Voltage input is converted through user
provided input resistor, R
IN
. (3) FSR is Full Scale Range. (4) Gain Drift does not include the drift of the external reference. (5) V
DD
+ must be less than or equal to V
S
+. See Section 7 for recommended connections. (6)
Straight Binary output code has slightly different Charge Range. See Section 6. (8) Input offset voltage is nulled by autozero circuitry and causes no output error. See Section 6 (Internal Error Correction). (9) This is
the maximum clock frequency at which SETUP codes can be written to and read from the DDC101. (10) For other input current and voltage configurations, see Discussion of Specifications and Detailed Theory of Operation
sections. (11) A best-fit straight line method is used to determine linearity. Two different best-fit straight lines are used for the two unipolar integral linearity specifications. Acquisition Time = 16 clock cycles, Oversampling
= 128.
Analog Inputs
Input Current ............................................................ 100mA, momentary
Input Current .............................................................. 10mA, continuous
Input Voltage ................................................... V
S+ +0.5V to VS– –0.5V
Power Supply
V
S+ .................................................................................................. + 7V
V
S– .................................................................................................... –7V
V
DD+ ................................................................................. must be ≤ VS+
Maximum Junction Temperature ................................................... +165
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDERING INFORMATION
PACKAGE
THERMAL
DRAWING
RESISTANCE (
θ
JA)
PRODUCT
PACKAGE
NUMBER(1)
(
°C/W)
DDC101U
24-Lead SOIC
239
100
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet published
specifications.


Similar Part No. - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101UG4 TI1-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101UG4 TI-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
More results

Similar Description - DDC101U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com