Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC101 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DDC101
Description  20-BIT ANALOG-TO-DIGITAL CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DDC101 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button DDC101 Datasheet HTML 2Page - Burr-Brown (TI) DDC101 Datasheet HTML 3Page - Burr-Brown (TI) DDC101 Datasheet HTML 4Page - Burr-Brown (TI) DDC101 Datasheet HTML 5Page - Burr-Brown (TI) DDC101 Datasheet HTML 6Page - Burr-Brown (TI) DDC101 Datasheet HTML 7Page - Burr-Brown (TI) DDC101 Datasheet HTML 8Page - Burr-Brown (TI) DDC101 Datasheet HTML 9Page - Burr-Brown (TI) DDC101 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
®
DDC101
6
PIN CONFIGURATION
Top View
24-Lead SOIC
SECTION 3
PIN DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
REFERENCE BUFFER BYPASS
V
REF
TEST In
RESET SETUP In
SETUP
READ DATA/SETUP
DATA TRANSMIT In
OVERFLOW + Out
OVERFLOW – Out
DATA VALID Out
DATA OUTPUT
DIGITAL GROUND
V
S–, ANALOG
ANALOG COMMON
ANALOG In
ANALOG COMMON
V
S+, ANALOG
V
S+, ANALOG
RESET SYSTEM In
FDS (Final Data Point Start) In
SYSTEM CLOCK
DATA CLOCK
DATA INPUT
V
DD+, DIGITAL
PIN
NUMBER
NAME
DESCRIPTION
1VS–, ANALOG
Negative analog power supply voltage, –5VDC.
2
ANALOG COMMON
Analog ground point.
3
ANALOG INPUT
Input for low level current signal. Photosensor can be directly connected to this input. With a resistor in series,
DDC101 will convert a voltage input.
4
ANALOG COMMON
Analog ground point.
5VS+, ANALOG
Positive analog power supply voltage, +5VDC. Hardwire to pin 6.
6VS+, ANALOG
Positive analog power supply voltage, +5VDC. Hardwire to pin 5.
7
RESET SYSTEM In
This input resets DDC101, but does not reset the SETUP register. The DDC101 system is reset when this pin
is active; reset action is removed when the pin is inactive.
8
FDS In
This is Final Data point Start input. This input is the basic user control of the integration and conversion timing.
When it becomes active, the DDC101 starts collection of the M, final data point samples. The beginning of the
next integration time is exactly M system clock periods after the Final Data point Start command when operating
in the continuous mode.
9
SYSTEM CLOCK
This clock input sets the basic sampling rate of the DDC101. The DDC101 is specified with a clock speed of
2MHz. The clock speed can be 0.5MHz to 2.0MHz.
10
DATA CLOCK
This clock input controls the data transfer rate for the serial DATA INPUT and DATA OUTPUT ports. The DATA
CLOCK is independent of the SYSTEM CLOCK. This allows the DATA CLOCK to be operated at higher or lower
speeds than the SYSTEM CLOCK. For best noise performance, data should not be transmitted and the DATA
CLOCK should not be active during the initial and final data point collection. If data is being transmitted during
the initial and final data point collection periods, the DATA CLOCK should be synchronized to the SYSTEM
CLOCK, to minimize added noise. DATA CLOCK can be connected to SYSTEM CLOCK, so that the same clock
is used for both; however, for best noise performance, the DATA CLOCK input should be active only when data
is transmitted.
11
DATA INPUT
This input can be used to “daisy chain” the output of several DDC101s together to minimize wiring. The output
register of the DDC101 acts as a shift register to pass through the output of previously connected DDC101 units.
In this way, multiple DDC101 units can convert simultaneously then sequence the data out serially on the same
data line with one common control line and one common data line for all DDC101 units.
12
V
DD+, DIGITAL
Digital power supply, +5VDC. VDD+ must be less than or equal to VS+.
13
DIGITAL GROUND
Digital ground point.
14
DATA OUTPUT
This output provides serial digital data clocked out at user controlled DATA CLOCK rate. Output data format
is a 21-bit Binary Two's Complement word or a 20-bit Straight Binary word. The data word is transmitted MSB
first. When DATA TRANSMIT is not active DATA OUTPUT tri-states.
15
DATA VALID
This output is activated when conversion is complete and remains active until the DATA TRANSMIT input is
activated.
16
OVERFLOW–
The OVERFLOW output signals each provide an open collector output so that the overflow outputs from several
17
OVERFLOW+
DDC101s can easily be connected (wire ORed) together to a common pull-up resistor. They are activated when
the input is beyond the acceptable range during conversion. Specifically, they are activated when the internal
D/A converter input or digital filter exceeds full scale. They are Cleared at the end of conversion 1/2 clock cycle
after DATA VALID high. DATA VALID can be used to capture OVERFLOW data into an external register.


Similar Part No. - DDC101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101 TI-DDC101 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101U TI-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
DDC101UG4 TI1-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
DDC101UG4 TI-DDC101UG4 Datasheet
265Kb / 29P
[Old version datasheet]   MONOLITHIC CHARGE INPUT ADC, DIGITAL FILTER NOISE REDUCTION 0.9ppm, rms
More results

Similar Description - DDC101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DAC1220E TI-DAC1220E Datasheet
658Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
ADS1250 BURR-BROWN-ADS1250 Datasheet
196Kb / 20P
   20-Bit Data Acquisition System ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DDC112 TI1-DDC112_14 Datasheet
1Mb / 35P
[Old version datasheet]   Dual Current Input 20-Bit ANALOG-TO-DIGITAL CONVERTER
DDC114IRTCT TI1-DDC114IRTCT Datasheet
823Kb / 35P
[Old version datasheet]   Quad Current Input, 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com