Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB0376A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TB0376A
Description  SAW Filter 240MHz (SMD 7횞5 mm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB0376A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB0376A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB0376A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB0376A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB0376A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB0376A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB0376A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
G. PACKING:
(1). REEL DIMENSION
(2). TAPE DIMENSION


Similar Part No. - TB0376A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TB0376A GOLLEDGE-TB0376A Datasheet
120Kb / 5P
   SAW Filter 240MHz
More results

Similar Description - TB0376A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0391A TAI-SAW-TB0391A Datasheet
576Kb / 6P
   SAW Filter 240MHz (SMD 7횞5 mm)
TB0668A TAI-SAW-TB0668A Datasheet
358Kb / 7P
   SAW Filter 240MHz (SMD 13.3횞6.5 mm)
TB0187A TAI-SAW-TB0187A Datasheet
386Kb / 6P
   SAW IF Filter 183.6MHz (SMD 7횞5 mm)
TB1162A TAI-SAW-TB1162A Datasheet
120Kb / 8P
   SAW Filter 238.6MHz 92kHz BW (SMD 7횞5 mm)
TB1200A TAI-SAW-TB1200A Datasheet
215Kb / 7P
   SAW Filter 161.8625MHz 0.3MHz BW (SMD 7횞5 mm)
TB1298A TAI-SAW-TB1298A Datasheet
349Kb / 7P
   SAW Filter 110.592MHz 300kHz BW (SMD 7횞5 mm)
TB1090A TAI-SAW-TB1090A Datasheet
101Kb / 7P
   SAW Filter 153.6MHz 80MHz BW (SMD 7횞5 mm)
TB1047A TAI-SAW-TB1047A Datasheet
285Kb / 7P
   SAW Filter 150MHz 80MHz BW (SMD 7횞5 mm)
TB1103A TAI-SAW-TB1103A Datasheet
101Kb / 7P
   SAW Filter 137.5MHz 0.8MHz BW (SMD 7횞5 mm)
TB1181A TAI-SAW-TB1181A Datasheet
187Kb / 7P
   SAW Filter 240MHz 4.5MHz BW (SMD 13.3횞6.5 mm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com